Electronic Components Datasheet Search
  English  ▼

X  

AP2127 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2127 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AP2127 Datasheet HTML 15Page - Diodes Incorporated AP2127 Datasheet HTML 16Page - Diodes Incorporated AP2127 Datasheet HTML 17Page - Diodes Incorporated AP2127 Datasheet HTML 18Page - Diodes Incorporated AP2127 Datasheet HTML 19Page - Diodes Incorporated AP2127 Datasheet HTML 20Page - Diodes Incorporated AP2127 Datasheet HTML 21Page - Diodes Incorporated AP2127 Datasheet HTML 22Page - Diodes Incorporated AP2127 Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AP2127
Document number: DS36478 Rev. 7 - 2
19 of 24
www.diodes.com
December 2017
© Diodes Incorporated
AP2127
Package Outline Dimensions (Cont.) (All dimensions in mm.)
(4)
Package Type: SOT-89
45
1.550(0.061)REF
4.400(0.173)
4.600(0.181)
0.900(0.035)
1.200(0.047)
3.950(0.156)
4.250(0.167)
3.000(0.118)
TYP
0.480(0.019)
2.300(0.091)
2.600(0.102)
0.320(0.013)
0.540(0.021)
3
10
2.060(0.081)REF
1.400(0.055)
1.600(0.063)
0.350(0.014)
0.450(0.018)
R0.150(0.006)
3
10
1.500(0.059)
0.320(0.013)REF
1.620(0.064)REF
2.210(0.087)REF
0.320(0.013)
0.540(0.021)
1.800(0.071)
Option 1
Option 2
0.620(0.024)
1.030(0.041)REF
R 0.200(0.008)
1.620(0.064)
1.830(0.072)
2.630(0.104)
2.930(0.115)
Option 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com