Electronic Components Datasheet Search
  English  ▼

X  

AP2127 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2127 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2127 Datasheet HTML 10Page - Diodes Incorporated AP2127 Datasheet HTML 11Page - Diodes Incorporated AP2127 Datasheet HTML 12Page - Diodes Incorporated AP2127 Datasheet HTML 13Page - Diodes Incorporated AP2127 Datasheet HTML 14Page - Diodes Incorporated AP2127 Datasheet HTML 15Page - Diodes Incorporated AP2127 Datasheet HTML 16Page - Diodes Incorporated AP2127 Datasheet HTML 17Page - Diodes Incorporated AP2127 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AP2127
Document number: DS36478 Rev. 7 - 2
14 of 24
www.diodes.com
December 2017
© Diodes Incorporated
AP2127
Ordering Information
AP2127 XX - XXX XX XX
Packing
Package
TR : Tape & Reel
N : SOT-23
N3 : SOT-23-3
Product Name
Output Voltage
ADJ : Adjustable Output
1.0 : Fixed Output 1.0V
1.2 : Fixed Output 1.2V
1.5 : Fixed Output 1.5V
1.8 : Fixed Output 1.8V
2.5 : Fixed Output 2.5V
G1 : Green
K : SOT-23-5
2.8 : Fixed Output 2.8V
3.0 : Fixed Output 3.0V
3.3 : Fixed Output 3.3V
4.2 : Fixed Output 4.2V
4.75 : Fixed Output 4.75V
RoHS/Green
R : SOT-89
Part Number
Marking ID
Temperature Range
Package
Packaging
AP2127N-1.0TRG1
GU8
-40°C to +85°C
SOT-23
3000/Tape & Reel
AP2127N-1.2TRG1
GS8
3000/Tape & Reel
AP2127N-1.5TRG1
GV8
3000/Tape & Reel
AP2127N-1.8TRG1
GW8
3000/Tape & Reel
AP2127N-2.5TRG1
GT9
3000/Tape & Reel
AP2127N-2.8TRG1
GU9
3000/Tape & Reel
AP2127N-3.0TRG1
GV9
3000/Tape & Reel
AP2127N-3.3TRG1
GW9
3000/Tape & Reel
AP2127N3-1.2TRG1
GU2
SOT-23-3
3000/Tape & Reel
AP2127N3-1.5TRG1
GU3
3000/Tape & Reel
AP2127K-ADJTRG1
GEH
SOT-23-5
3000/Tape & Reel
AP2127K-1.0TRG1
GEG
3000/Tape & Reel
AP2127K-1.2TRG1
GEI
3000/Tape & Reel
AP2127K-1.5TRG1
GEP
3000/Tape & Reel
AP2127K-1.8TRG1
GEQ
3000/Tape & Reel
AP2127K-2.5TRG1
GER
3000/Tape & Reel
AP2127K-2.8TRG1
GES
3000/Tape & Reel
AP2127K-3.0TRG1
GHF
3000/Tape & Reel
AP2127K-3.3TRG1
GET
3000/Tape & Reel
AP2127K-4.2TRG1
GEU
3000/Tape & Reel
AP2127K-4.75TRG1
GEZ
3000/Tape & Reel
AP2127R-3.3TRG1
G42P
SOT-89
1000/Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com