Electronic Components Datasheet Search
  English  ▼

X  

AP2128 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2128 Datasheet HTML 3Page - Diodes Incorporated AP2128 Datasheet HTML 4Page - Diodes Incorporated AP2128 Datasheet HTML 5Page - Diodes Incorporated AP2128 Datasheet HTML 6Page - Diodes Incorporated AP2128 Datasheet HTML 7Page - Diodes Incorporated AP2128 Datasheet HTML 8Page - Diodes Incorporated AP2128 Datasheet HTML 9Page - Diodes Incorporated AP2128 Datasheet HTML 10Page - Diodes Incorporated AP2128 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
7
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN=2.5V
1mA
≤IOUT≤300mA
98%
×
VOUT
102%
×
VOUT
V
Input Voltage
VIN
2.5
6
V
Maximum Output Current
IOUT(MAX)
VIN=2.5V,
VOUT=98%×VOUT
300
400
mA
Current Limit
ILIMIT
VIN=2.5V
450
mA
Load Regulation
∆VOUT
/(
∆IOUT*VOUT)
VIN=2.5V,
1mA
≤IOUT≤300mA
0.6
%/A
Line Regulation
∆VOUT
/(
∆VIN*VOUT)
VIN=2.5V to 6V
IOUT=30mA
0.06
%/V
Dropout Voltage
VDROP
VOUT=1.0V, IOUT=300mA
1400
1500
mV
VOUT=1.2V, IOUT=300mA
1200
1300
VOUT=1.5V, IOUT=300mA
900
1000
VOUT=1.8V, IOUT=300mA
600
700
Quiescent Current
IQ
VIN=2.5V, IOUT=0mA
60
90
µA
Standby Current
ISTD
VIN=2.5V,
VSHUTDOWN in off mode
0.1
1.0
µA
Power Supply
Rejection Ratio
PSRR
Ripple 1Vp-p
VIN=3V
f=100Hz
68
dB
f=1KHz
68
dB
f=10KHz
54
dB
Output Voltage
Temperature Coefficient
(
∆VOUT/VOUT)
/
∆T
IOUT=30mA, -40oC≤TA≤85oC
±100
ppm/oC
Short Current Limit
ISHORT
VOUT=0V
50
mA
Soft Start Time
tUP
50
µs
Shutdown "High" Voltage
Shutdown input voltage "High"
1.5
6
V
Shutdown "Low" Voltage
Shutdown input voltage "Low"
0
0.4
V
VOUT Discharge MOSFET
RDS(ON)
Shutdown input voltage "Low"
60
Ω
Shutdown Pull Down Resis-
tance
3M
Ω
Thermal Shutdown
165
oC
Thermal Shutdown Hysteresis
30
oC
Thermal Resistance
θJC
SOT-23-5
150
oC/W
(AP2128-1.0V/1.2V/1.5V/1.8V, VINmin.=2.5V, CIN=1µF, COUT=1µF, Bold typeface applies over -40oC≤TA≤85oC, unless oth-
erwise specified.)
Electrical Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com