Electronic Components Datasheet Search
  English  ▼

X  

AP2128 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2128 Datasheet HTML 10Page - Diodes Incorporated AP2128 Datasheet HTML 11Page - Diodes Incorporated AP2128 Datasheet HTML 12Page - Diodes Incorporated AP2128 Datasheet HTML 13Page - Diodes Incorporated AP2128 Datasheet HTML 14Page - Diodes Incorporated AP2128 Datasheet HTML 15Page - Diodes Incorporated AP2128 Datasheet HTML 16Page - Diodes Incorporated AP2128 Datasheet HTML 17Page - Diodes Incorporated AP2128 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
14
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
-40
-20
0
20406080
100
120
0.801
0.802
0.803
0.804
0.805
0.806
0.807
Case Temperature (
oC)
V
IN
=2.5V, C
IN=COUT=1µF
I
OUT=10mA, VOUT=0.8V
Typical Performance Characteristics (Continued)
Figure 20. Quiescent Current vs. Input Voltage
Figure 21. Output Voltage vs. Case Temperature
Figure 22. Output Voltage vs. Case Temperature
Figure 23. Output Voltage vs. Case Temperature
0123
456
0
10
20
30
40
50
60
70
80
Input Voltage (V)
T
C=25
oC
I
OUT=0, VOUT=5.2V
-40
-20
0
20
40
60
80
100
120
3.326
3.328
3.330
3.332
3.334
3.336
3.338
3.340
3.342
3.344
3.346
3.348
Case Temperature (
oC)
I
OUT=10mA
V
IN=4.3V, VOUT=3.3V
-40
-20
0
20
406080
100
120
5.195
5.200
5.205
5.210
5.215
5.220
5.225
5.230
5.235
5.240
5.245
5.250
Case Temperature (
oC)
I
OUT=10mA
V
IN=6V, VOUT=5.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com