Electronic Components Datasheet Search
  English  ▼

X  

AP2128 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP2128 Datasheet HTML 13Page - Diodes Incorporated AP2128 Datasheet HTML 14Page - Diodes Incorporated AP2128 Datasheet HTML 15Page - Diodes Incorporated AP2128 Datasheet HTML 16Page - Diodes Incorporated AP2128 Datasheet HTML 17Page - Diodes Incorporated AP2128 Datasheet HTML 18Page - Diodes Incorporated AP2128 Datasheet HTML 19Page - Diodes Incorporated AP2128 Datasheet HTML 20Page - Diodes Incorporated AP2128 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
18
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
I
OUT=10mA
I
OUT=300mA
ripple=1Vpp, C
OUT=1µF, VOUT=0.8V
Typical Performance Characteristics (Continued)
Figure 36. Soft Start Time
(Conditions: IOUT=0mA, CIN=COUT=1µF,
VShutdown=0 to 2V, VOUT=0.8V)
VOUT
VShutdown
Figure 37. PSRR vs. Frequency
Figure 38. PSRR vs. Frequency
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
I
OUT=10mA
I
OUT=300mA
ripple=1Vpp, C
OUT=1µF, VOUT=3.3V
Figure 39. PSRR vs. Frequency
100
1k
10k
100k
10
20
30
40
50
60
70
Frequency (Hz)
I
OUT=10mA
I
OUT=300mA
V
OUT=5.2V, COUT=1µF, ripple=0.5Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com