Electronic Components Datasheet Search
  English  ▼

X  

AP2128 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2128 Datasheet HTML 8Page - Diodes Incorporated AP2128 Datasheet HTML 9Page - Diodes Incorporated AP2128 Datasheet HTML 10Page - Diodes Incorporated AP2128 Datasheet HTML 11Page - Diodes Incorporated AP2128 Datasheet HTML 12Page - Diodes Incorporated AP2128 Datasheet HTML 13Page - Diodes Incorporated AP2128 Datasheet HTML 14Page - Diodes Incorporated AP2128 Datasheet HTML 15Page - Diodes Incorporated AP2128 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
12
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
Figure 12. Quiescent Current vs. Output Current
0
50
100
150
200
250
300
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
Output Current (mA)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
IN=2.5V, VOUT=0.8V
-40
-20
0
20406080
100
120
50
52
54
56
58
60
62
64
66
68
70
Case Temperature (
oC)
I
OUT=0
V
IN=2.5V, VOUT=0.8V
Figure 15. Quiescent Current vs. Case Temperature
Typical Performance Characteristics (Continued)
0
50
100
150
200
250
300
65
70
75
80
85
90
95
100
105
110
115
Output Current (mA)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
IN=4.3V, VOUT=3.3V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
75
80
85
90
95
100
105
110
115
Output Current (A)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
IN=6V, VOUT=5.2V
Figure 13. Quiescent Current vs. Output Current
Figure 14. Quiescent Current vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com