Electronic Components Datasheet Search
  English  ▼

X  

AP2128 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AP2128 Datasheet HTML 13Page - Diodes Incorporated AP2128 Datasheet HTML 14Page - Diodes Incorporated AP2128 Datasheet HTML 15Page - Diodes Incorporated AP2128 Datasheet HTML 16Page - Diodes Incorporated AP2128 Datasheet HTML 17Page - Diodes Incorporated AP2128 Datasheet HTML 18Page - Diodes Incorporated AP2128 Datasheet HTML 19Page - Diodes Incorporated AP2128 Datasheet HTML 20Page - Diodes Incorporated AP2128 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
19
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
Typical Application
VOUT=0.8(1+R1/R2) V
VOUT=1.0V to 5.2V
Figure 40. Typical Application of AP2128
VIN
VIN
VOUT
VOUT
Shutdown
GND
COUT
1
µF
CIN
1
µF
AP2128
V
IN
V
IN
V
OUT
V
OUT
ADJ
Shutdown
GND
C
OUT
1
µF
C
IN
1
µF
R1
R2
AP2128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com