Electronic Components Datasheet Search
  English  ▼

X  

AP2128 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2128 Datasheet HTML 6Page - Diodes Incorporated AP2128 Datasheet HTML 7Page - Diodes Incorporated AP2128 Datasheet HTML 8Page - Diodes Incorporated AP2128 Datasheet HTML 9Page - Diodes Incorporated AP2128 Datasheet HTML 10Page - Diodes Incorporated AP2128 Datasheet HTML 11Page - Diodes Incorporated AP2128 Datasheet HTML 12Page - Diodes Incorporated AP2128 Datasheet HTML 13Page - Diodes Incorporated AP2128 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
10
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
Figure 4. Output Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (mA)
T
C=-40
oC
T
C=25
oC
T
C=125
oC
V
IN=4.4V
0
100
200
300
400
500
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Output Current (V)
Tc=-40
oC
Tc=25
oC
Tc=85
oC
V
IN=2.5V, VOUT=0.8V
0.00.10.20.30.40.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (A)
V
IN=3.8V
V
IN=4.3V
V
IN=6V
T
C=25
0C, V
OUT=3.3V
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Output Current (A)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
IN=6V, VOUT=5.2V
Figure 5. Output Voltage vs. Output Current
Figure 6. Output Voltage vs. Output Current
Figure 7. Output Voltage vs. Output Current
Typical Performance Characteristics
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (A)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
IN=4.3V, VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com