Electronic Components Datasheet Search
  English  ▼

X  

AP22916 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP22916
Description  1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22916 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP22916 Datasheet HTML 1Page - Diodes Incorporated AP22916 Datasheet HTML 2Page - Diodes Incorporated AP22916 Datasheet HTML 3Page - Diodes Incorporated AP22916 Datasheet HTML 4Page - Diodes Incorporated AP22916 Datasheet HTML 5Page - Diodes Incorporated AP22916 Datasheet HTML 6Page - Diodes Incorporated AP22916 Datasheet HTML 7Page - Diodes Incorporated AP22916 Datasheet HTML 8Page - Diodes Incorporated AP22916 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AP22916
Document number: DS44758 Rev. 1 - 2
5 of 32
www.diodes.com
March 2022
© Diodes Incorporated
AP22916
Electrical Characteristics (TA = -40°C to +85°C, VIN = 1.3 to 5.5V, VON = VIN (Enabled), VON = 0V (Disabled), CIN = 1μF, COUT =
0.1μF, unless otherwise specified. Typical values are at 25°C) (Note 6)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
IQ
Input Quiescent Current
IOUT = 0mA, VON Enabled
—
0.3
0.5
μA
ISHDN
Input Shutdown Current
RL = 1MΩ, VON
Disabled, VIN =5.0V
+25°C
—
40
—
nA
-40°C to +85°C
—
—
225
RL = 1MΩ, VON
Disabled, VIN =1.8V
+25°C
—
5
—
-40°C to +85°C
—
—
20
RDS(ON)
Switch On-resistance, IOUT = 200mA
VIN = 5.0V
+25°C
—
54
60
mΩ
-40°C to +85°C
—
—
70
-40°C to +105°C
—
—
75
VIN = 3.6V
+25°C
—
65
75
-40°C to +85°C
—
—
85
-40°C to +105°C
—
—
90
VIN = 1.8V
+25°C
—
135
150
-40°C to +85°C
—
—
165
-40°C to +105°C
—
—
180
VIN = 1.3V
+25°C
—
280
310
-40°C to +85°C
—
—
320
-40°C to +105°C
—
—
350
RON
Smart Pull Down Resistance
VON Disabled
—
750
—
k
Ω
VRCB
TRCB Trigger Voltage
VON Enabled, VOUT > VIN
—
25
—
mV
IRCB
TRCB Activation Current
VIN=3.3V, VON Enabled, VOUT > VIN
—
-650
—
mA
tRCB
TRCB Response Time
VON Enabled, VOUT > VIN + 200mV
—
10
—
μs
IIN_RCB
TRCB Reverse Leakage Current
(Current from VIN)
VON Enabled, VOUT - VIN > VRCB
-300
—
—
nA
RDIS
Output Discharge On Resistance
VON Disabled, IOUT = 1mA
—
150
—
Ω
Note:
6. Specifications are over -40°C to +85°C and are guaranteed by characterization and design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com