Electronic Components Datasheet Search
  English  ▼

X  

AP22916 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP22916
Description  1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22916 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP22916 Datasheet HTML 4Page - Diodes Incorporated AP22916 Datasheet HTML 5Page - Diodes Incorporated AP22916 Datasheet HTML 6Page - Diodes Incorporated AP22916 Datasheet HTML 7Page - Diodes Incorporated AP22916 Datasheet HTML 8Page - Diodes Incorporated AP22916 Datasheet HTML 9Page - Diodes Incorporated AP22916 Datasheet HTML 10Page - Diodes Incorporated AP22916 Datasheet HTML 11Page - Diodes Incorporated AP22916 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AP22916
Document number: DS44758 Rev. 1 - 2
8 of 32
www.diodes.com
March 2022
© Diodes Incorporated
AP22916
Timing Characteristics (The typical characteristics in the following table applies over the entire recommended power supply voltage
range of 1.3V to 5.5V at 25°C with a load of COUT = 0.1μF, RL = 10Ω, unless otherwise specified.) (Note 7) (continued)
Timing for Power-Up and Power-Down Operation
VOUT
90%
ON
tR
tF
10%
90%
10%
VIH
VIL
tON
tOFF
SRON
Output Rise (tR), Fall (tF), Turn On (tON) and Turn Off (tOFF) Time
Note:
7. Rise and fall time of the control signal are less than 100ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com