Electronic Components Datasheet Search
  English  ▼

X  

AP22916 Datasheet(PDF) 30 Page - Diodes Incorporated

Part # AP22916
Description  1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22916 Datasheet(HTML) 30 Page - Diodes Incorporated

Back Button AP22916 Datasheet HTML 24Page - Diodes Incorporated AP22916 Datasheet HTML 25Page - Diodes Incorporated AP22916 Datasheet HTML 26Page - Diodes Incorporated AP22916 Datasheet HTML 27Page - Diodes Incorporated AP22916 Datasheet HTML 28Page - Diodes Incorporated AP22916 Datasheet HTML 29Page - Diodes Incorporated AP22916 Datasheet HTML 30Page - Diodes Incorporated AP22916 Datasheet HTML 31Page - Diodes Incorporated AP22916 Datasheet HTML 32Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AP22916
Document number: DS44758 Rev. 1 - 2
30 of 32
www.diodes.com
March 2022
© Diodes Incorporated
AP22916
Ordering Information
AP22916 X XXX -X
-7 : Tape & Reel
Packing
CA4:
X1-WLB0808-4
Package
Version
B: Fast tR & Output Dis.
C: Slow tR & Output Dis.
D: Fast tR
E: Slow tR
Part Number
Package Code
Package
7” Tape and Reel
Quantity
Part Number Suffix
AP22916BCA4-7
CA4
X1-WLB0808-4
3,000/Tape & Reel
-7
AP22916CCA4-7
CA4
X1-WLB0808-4
3,000/Tape & Reel
-7
AP22916DCA4-7
CA4
X1-WLB0808-4
3,000/Tape & Reel
-7
AP22916ECA4-7
CA4
X1-WLB0808-4
3,000/Tape & Reel
-7
Marking Information
Y : Year : 0~9
X : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
X
Y W
(Top View)
Part Number
Package
Identification Code
AP22916BCA4-7
X1-WLB0808-4
5̅
AP22916CCA4-7
X1-WLB0808-4
6̅
AP22916DCA4-7
X1-WLB0808-4
7̅
AP22916ECA4-7
X1-WLB0808-4
8̅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com