Electronic Components Datasheet Search
  English  ▼

X  

AP22916 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP22916
Description  1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22916 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP22916 Datasheet HTML 2Page - Diodes Incorporated AP22916 Datasheet HTML 3Page - Diodes Incorporated AP22916 Datasheet HTML 4Page - Diodes Incorporated AP22916 Datasheet HTML 5Page - Diodes Incorporated AP22916 Datasheet HTML 6Page - Diodes Incorporated AP22916 Datasheet HTML 7Page - Diodes Incorporated AP22916 Datasheet HTML 8Page - Diodes Incorporated AP22916 Datasheet HTML 9Page - Diodes Incorporated AP22916 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AP22916
Document number: DS44758 Rev. 1 - 2
6 of 32
www.diodes.com
March 2022
© Diodes Incorporated
AP22916
Timing Characteristics (The typical characteristics in the following table applies over the entire recommended power supply voltage
range of 1.3V to 5.5V at 25°C with a load of COUT = 0.1μF, RL = 10Ω, unless otherwise specified.) (Note 7)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
AP22916B
tON
Output Turn-on
VIN = 5.0V
—
85
—
μs
VIN = 3.6V
—
110
—
VIN = 1.8V
—
250
—
VIN = 1.3V
—
480
—
tR
Output Rise Time
VIN = 5.0V
—
42
—
μs
VIN = 3.6V
—
52
—
VIN = 1.8V
—
95
—
VIN = 1.3V
—
180
—
SRON
Slew Rate
VIN = 5.0V
—
90
—
mV/
μs
VIN = 3.6V
—
52
—
VIN = 1.8V
—
13
—
VIN = 1.3V
—
5
—
tOFF
Output Turn-off Time
VIN = 5.0V
—
6.4
—
μs
VIN = 3.6V
—
8
—
VIN = 1.8V
—
16
—
VIN = 1.3V
—
25
—
tF
Output Fall Time
COUT = 0.1μF, RL = 10Ω
—
2.3
—
μs
COUT = 1μF, RL = Open
—
357
—
Note:
7. Rise and fall time of the control signal are less than 100ns.
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
AP22916C
tON
Output Turn-on
VIN = 5.0V
—
1400
—
μs
VIN = 3.6V
—
1700
—
VIN = 1.8V
—
3800
—
VIN = 1.3V
—
6800
—
tR
Output Rise Time
VIN = 5.0V
—
750
—
μs
VIN = 3.6V
—
900
—
VIN = 1.8V
—
1500
—
VIN = 1.3V
—
2800
—
SRON
Slew Rate
VIN = 5.0V
—
5
—
mV/
μs
VIN = 3.6V
—
3.2
—
VIN = 1.8V
—
1
—
VIN = 1.3V
—
0.4
—
tOFF
Output Turn-off Time
VIN = 5.0V
—
7.1
—
μs
VIN = 3.6V
—
8
—
VIN = 1.8V
—
16
—
VIN = 1.3V
—
25
—
tF
Output Fall Time
COUT = 0.1μF, RL = 10Ω
—
2.3
—
μs
COUT = 10μF, RL = Open
—
4490
—
Note:
7. Rise and fall time of the control signal are less than 100ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com