Electronic Components Datasheet Search
  English  ▼

X  

AP22916 Datasheet(PDF) 31 Page - Diodes Incorporated

Part # AP22916
Description  1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22916 Datasheet(HTML) 31 Page - Diodes Incorporated

Back Button AP22916 Datasheet HTML 24Page - Diodes Incorporated AP22916 Datasheet HTML 25Page - Diodes Incorporated AP22916 Datasheet HTML 26Page - Diodes Incorporated AP22916 Datasheet HTML 27Page - Diodes Incorporated AP22916 Datasheet HTML 28Page - Diodes Incorporated AP22916 Datasheet HTML 29Page - Diodes Incorporated AP22916 Datasheet HTML 30Page - Diodes Incorporated AP22916 Datasheet HTML 31Page - Diodes Incorporated AP22916 Datasheet HTML 32Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AP22916
Document number: DS44758 Rev. 1 - 2
31 of 32
www.diodes.com
March 2022
© Diodes Incorporated
AP22916
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-WLB0808-4
X1-WLB0808-4
Dim
Min
Max
Typ
A
0.3320 0.4180 0.3750
A1
0.1350 0.1650 0.1500
A2
0.1750 0.2250 0.2000
A3
0.0220 0.0280 0.0250
b
0.1971 0.2409 0.2190
D
0.7900 0.8300 0.8100
E
0.7900 0.8300 0.8100
e
0.400 BSC
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-WLB0808-4
Dimensions
Value
(in mm)
C
0.4000
D
0.2190
C
C
Ø D (4x)
E
D
A2
A
Seating Plane
A1
e
e
Ø b (4x)
Pin1
A3(Backside Coating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com