Electronic Components Datasheet Search
  English  ▼

X  

AP22916 Datasheet(PDF) 29 Page - Diodes Incorporated

Part # AP22916
Description  1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22916 Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button AP22916 Datasheet HTML 24Page - Diodes Incorporated AP22916 Datasheet HTML 25Page - Diodes Incorporated AP22916 Datasheet HTML 26Page - Diodes Incorporated AP22916 Datasheet HTML 27Page - Diodes Incorporated AP22916 Datasheet HTML 28Page - Diodes Incorporated AP22916 Datasheet HTML 29Page - Diodes Incorporated AP22916 Datasheet HTML 30Page - Diodes Incorporated AP22916 Datasheet HTML 31Page - Diodes Incorporated AP22916 Datasheet HTML 32Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AP22916
Document number: DS44758 Rev. 1 - 2
29 of 32
www.diodes.com
March 2022
© Diodes Incorporated
AP22916
Application Information
Input Capacitor
A 1μF capacitor is recommended to connect between the VIN and GND pins to decouple input power supply glitch and noise. The input capacitor
has no specific type or ESR (equivalent series resistance) requirement. However, for higher current applications, ceramic capacitors are
recommended due to their capability to withstand input current surges from low impedance sources, such as batteries in portable applications. This
input capacitor must be located as close as possible to the device to assure input stability and less noise. For PCB layout, a wide copper trace is
required for both VIN and GND.
Output Capacitor
A 0.1μF to 1μF capacitor is recommended to connect between the VOUT and GND pins to stabilize and accommodate load transient condition. The
output capacitor has no specific type or ESR requirement. The amount of capacitance may be increased without limit. For PCB layout, the output
capacitor must be placed as close as possible to the VOUT and GND pins, and the traces must be kept as short as possible.
Enable/Shutdown Operation
The AP22916B/C is turned on by setting the ON pin high, and is turned off by pulling it low. To ensure proper operation, the signal source used to
drive the ON pin must be able to swing above and below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics section
under VIL and VIH.
True Reverse Current Blocking
An internal reverse voltage comparator disables the power-switch when the output voltage (VOUT) is driven higher than the input voltage (VIN), by
VRCB, to quickly (10μs typ.) stop the flow of current towards the input side of the switch.
Reverse current protection is always active, even when the power switch is disabled. Additionally, undervoltage lockout (UVLO) protection turns the
switch off if the input voltage is too low.
Discharge Operation
The AP22916/C offers a discharge option that helps to discharge the output charge when disabled.
Power Dissipation
The maximum IC junction temperature should be restricted to +125°C under normal operating conditions. The device power dissipation and proper
sizing of the thermal plane are critical to avoid thermal shutdown and ensure reliable operation. Power dissipation of the device depends on input
voltage and load conditions, and can be calculated by:
DSON
2
OUT
D
xR
I
P
(1)
However, the maximum power dissipation that can be handled by the device depends on the maximum junction to ambient thermal resistance,
maximum ambient temperature, and maximum device junction temperature, which can be approximated by the equation below:
JA
A
)
MAX
(
D
)
T
C
125
(
P
(2)
Layout Guideline
Good PCB layout is important for improving the thermal performance of the device. All trace lengths should be kept as short as possible. The input
(VIN) and output (VOUT) PCB traces should be as wide as possible to reduce stray impedance.
Use a ground plane to enhance the power dissipation capability of the device if applicable. Place input and output capacitors close to the device to
minimize the effects of parasitic inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com