Electronic Components Datasheet Search
  English  ▼

X  

HTT1132E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 4 Page - Renesas Technology Corp

  HTT1132E Datasheet HTML 1Page - Renesas Technology Corp HTT1132E Datasheet HTML 2Page - Renesas Technology Corp HTT1132E Datasheet HTML 3Page - Renesas Technology Corp HTT1132E Datasheet HTML 4Page - Renesas Technology Corp HTT1132E Datasheet HTML 5Page - Renesas Technology Corp HTT1132E Datasheet HTML 6Page - Renesas Technology Corp HTT1132E Datasheet HTML 7Page - Renesas Technology Corp HTT1132E Datasheet HTML 8Page - Renesas Technology Corp HTT1132E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 4 of 21
Q1 Main Characteristics
Collector Current
IC (mA)
DC Current Transfer Ratio vs.
Collector Current
Typical Output Characteristics
Collector to Emitter Voltage
VCE (V)
Typical Forward Transfer Characteristics
Base to Emitter Voltage
VBE (V)
Collector to Base Voltage VCB (V)
Reverse Transfer Capacitance vs.
Collector to Base Voltage
20
16
12
8
4
12
3
4
5
6
IB = 20 µA
40
µA
60
µA
80
µA
100 µA
120 µA
140 µA
160 µA
0
50
40
30
20
10
0
0.2
0.4
0.6
0.8
1.0
VCE = 1 V
200
100
0
0.1
1.0
10
100
VCE = 1 V
0.4
0.3
0.2
0.1
0
0.5
1.0
1.5
2.0
Emitter ground
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com