Electronic Components Datasheet Search
  English  ▼

X  

HTT1132E Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 7Page - Renesas Technology Corp HTT1132E Datasheet HTML 8Page - Renesas Technology Corp HTT1132E Datasheet HTML 9Page - Renesas Technology Corp HTT1132E Datasheet HTML 10Page - Renesas Technology Corp HTT1132E Datasheet HTML 11Page - Renesas Technology Corp HTT1132E Datasheet HTML 12Page - Renesas Technology Corp HTT1132E Datasheet HTML 13Page - Renesas Technology Corp HTT1132E Datasheet HTML 14Page - Renesas Technology Corp HTT1132E Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 11 of 21
Q1 S Parameter
(VCE = 1 V, IC = 10 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.708
-33.6
23.08
155.8
0.0200
74.9
0.905
-16.4
200
0.633
-61.6
19.73
138.8
0.0287
59.0
0.780
-28.2
300
0.550
-83.6
16.56
126.0
0.0324
55.8
0.654
-35.5
400
0.503
-101.2
13.97
116.8
0.0430
59.7
0.570
-39.0
500
0.461
-115.6
11.88
109.8
0.0450
55.2
0.502
-41.1
600
0.434
-127.2
10.31
104.3
0.0531
54.1
0.452
-42.4
700
0.417
-136.3
9.04
100.0
0.0562
54.7
0.418
-42.9
800
0.407
-144.6
8.05
96.2
0.0608
57.9
0.388
-42.7
900
0.399
-151.0
7.25
92.8
0.0630
57.1
0.369
-43.1
1000
0.396
-157.7
6.58
89.9
0.0697
58.6
0.352
-43.2
1100
0.391
-163.3
6.02
87.2
0.0721
61.5
0.338
-43.4
1200
0.392
-168.8
5.55
84.6
0.0788
60.0
0.327
-43.7
1300
0.388
-173.4
5.15
82.3
0.0831
61.8
0.316
-43.9
1400
0.391
-177.5
4.80
80.1
0.0870
62.0
0.308
-44.8
1500
0.392
178.2
4.49
77.9
0.0930
60.6
0.300
-45.4
1600
0.394
174.6
4.23
75.9
0.0972
61.4
0.293
-46.1
1700
0.397
171.2
3.99
73.9
0.1037
60.7
0.289
-46.9
1800
0.400
168.0
3.78
72.1
0.1062
62.0
0.285
-48.2
1900
0.403
164.5
3.59
70.1
0.1114
61.4
0.276
-49.4
2000
0.407
161.4
3.42
68.3
0.1180
61.2
0.275
-50.4
2100
0.411
158.3
3.26
66.5
0.1229
61.8
0.270
-51.5
2200
0.414
155.8
3.12
64.8
0.1270
61.3
0.269
-53.0
2300
0.420
153.0
2.98
63.1
0.1305
61.8
0.265
-54.5
2400
0.424
150.6
2.86
61.4
0.1386
60.7
0.263
-56.3
2500
0.431
148.1
2.76
59.8
0.1417
61.3
0.258
-57.4
2600
0.434
145.7
2.65
58.1
0.1488
60.9
0.257
-59.0
2700
0.439
143.2
2.56
56.6
0.1522
60.0
0.254
-60.9
2800
0.443
140.8
2.48
54.9
0.1562
60.1
0.254
-62.7
2900
0.448
138.6
2.39
53.4
0.1611
59.6
0.252
-64.5
3000
0.455
136.3
2.32
51.8
0.1688
59.0
0.251
-66.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com