Electronic Components Datasheet Search
  English  ▼

X  

HTT1132E Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 10Page - Renesas Technology Corp HTT1132E Datasheet HTML 11Page - Renesas Technology Corp HTT1132E Datasheet HTML 12Page - Renesas Technology Corp HTT1132E Datasheet HTML 13Page - Renesas Technology Corp HTT1132E Datasheet HTML 14Page - Renesas Technology Corp HTT1132E Datasheet HTML 15Page - Renesas Technology Corp HTT1132E Datasheet HTML 16Page - Renesas Technology Corp HTT1132E Datasheet HTML 17Page - Renesas Technology Corp HTT1132E Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 14 of 21
Q2 S Parameter
(VCE = 1 V, IC = 3 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.884
-33.1
8.94
159.3
0.0353
43.6
0.942
-11.6
200
0.845
-61.9
7.95
142.4
0.0593
54.1
0.845
-22.4
300
0.798
-85.5
6.89
129.0
0.0767
51.1
0.743
-28.9
400
0.764
-103.7
5.94
119.0
0.0818
42.8
0.659
-32.6
500
0.745
-117.6
5.12
111.2
0.0847
37.3
0.599
-34.6
600
0.730
-127.9
4.49
104.9
0.0885
34.5
0.556
-36.0
700
0.719
-136.5
3.96
99.9
0.0904
32.5
0.524
-36.9
800
0.714
-143.4
3.55
95.5
0.0894
30.6
0.499
-37.9
900
0.710
-148.8
3.21
91.7
0.0905
31.7
0.481
-38.6
1000
0.708
-154.2
2.93
88.2
0.0894
33.1
0.463
-39.4
1100
0.704
-158.3
2.69
85.0
0.0900
33.1
0.453
-40.6
1200
0.703
-162.1
2.49
82.1
0.0912
36.0
0.444
-41.9
1300
0.703
-165.4
2.32
79.3
0.0892
36.1
0.434
-43.4
1400
0.704
-168.4
2.16
76.8
0.0892
38.1
0.427
-44.7
1500
0.702
-171.2
2.03
74.4
0.0899
40.1
0.423
-46.3
1600
0.701
-173.7
1.92
72.2
0.0914
41.7
0.414
-48.2
1700
0.704
-176.0
1.81
70.0
0.0929
44.2
0.409
-50.1
1800
0.704
-178.2
1.72
67.9
0.0928
47.2
0.407
-52.1
1900
0.706
179.8
1.64
65.8
0.0942
51.1
0.399
-54.1
2000
0.707
177.7
1.57
63.9
0.0981
52.8
0.397
-56.6
2100
0.709
175.8
1.50
61.9
0.1008
56.6
0.393
-58.8
2200
0.710
174.1
1.44
60.1
0.1043
58.7
0.390
-61.2
2300
0.713
172.5
1.39
58.3
0.1088
62.1
0.387
-63.9
2400
0.715
170.9
1.33
56.7
0.1126
63.7
0.385
-66.6
2500
0.718
169.4
1.29
54.9
0.1208
65.4
0.380
-69.1
2600
0.720
168.1
1.25
53.4
0.1257
67.9
0.380
-72.1
2700
0.723
166.5
1.20
51.9
0.1321
71.1
0.374
-75.0
2800
0.724
165.2
1.17
50.4
0.1396
71.6
0.374
-78.1
2900
0.727
163.9
1.14
48.9
0.1457
72.4
0.374
-81.7
3000
0.729
162.5
1.11
47.4
0.1551
73.7
0.371
-84.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com