Electronic Components Datasheet Search
  English  ▼

X  

HTT1132E Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 5Page - Renesas Technology Corp HTT1132E Datasheet HTML 6Page - Renesas Technology Corp HTT1132E Datasheet HTML 7Page - Renesas Technology Corp HTT1132E Datasheet HTML 8Page - Renesas Technology Corp HTT1132E Datasheet HTML 9Page - Renesas Technology Corp HTT1132E Datasheet HTML 10Page - Renesas Technology Corp HTT1132E Datasheet HTML 11Page - Renesas Technology Corp HTT1132E Datasheet HTML 12Page - Renesas Technology Corp HTT1132E Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 9 of 21
Q1 S Parameter
(VCE = 1 V, IC = 5 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.852
-17.6
14.12
165.7
0.0299
74.4
0.965
-9.2
200
0.809
-34.3
13.17
153.2
0.0369
67.3
0.906
-19.5
300
0.739
-49.1
12.12
142.5
0.0472
60.9
0.832
-26.3
400
0.676
-63.5
11.10
133.5
0.0553
63.3
0.756
-32.1
500
0.616
-76.4
10.09
125.5
0.0598
55.4
0.692
-36.5
600
0.566
-88.0
9.18
118.8
0.0674
52.9
0.629
-39.9
700
0.525
-98.1
8.32
113.2
0.0737
52.4
0.580
-42.0
800
0.489
-107.5
7.60
108.3
0.0762
51.1
0.539
-44.1
900
0.461
-116.0
6.97
103.9
0.0793
51.0
0.507
-45.5
1000
0.442
-123.6
6.42
100.1
0.0847
50.1
0.475
-46.5
1100
0.423
-131.2
5.93
96.6
0.0869
50.8
0.453
-47.4
1200
0.409
-138.0
5.51
93.4
0.0917
50.9
0.430
-48.5
1300
0.398
-144.4
5.15
90.5
0.0954
50.5
0.412
-49.2
1400
0.389
-150.2
4.82
87.7
0.0966
49.5
0.396
-50.0
1500
0.386
-155.6
4.53
85.1
0.1027
50.7
0.382
-50.7
1600
0.381
-160.6
4.28
82.8
0.1048
50.7
0.373
-51.6
1700
0.381
-165.9
4.05
80.4
0.1095
50.4
0.362
-52.3
1800
0.376
-170.3
3.84
78.2
0.1130
51.3
0.353
-53.6
1900
0.378
-175.3
3.66
76.0
0.1161
51.7
0.341
-54.5
2000
0.376
-179.5
3.49
73.9
0.1217
51.5
0.338
-55.4
2100
0.378
176.2
3.33
71.9
0.1252
51.8
0.329
-56.5
2200
0.380
172.6
3.19
69.9
0.1281
51.9
0.323
-57.5
2300
0.385
168.9
3.06
68.0
0.1335
52.6
0.318
-58.9
2400
0.386
165.6
2.94
66.2
0.1368
52.5
0.314
-60.1
2500
0.392
162.0
2.83
64.3
0.1412
52.2
0.310
-61.5
2600
0.395
159.0
2.73
62.6
0.1440
53.3
0.307
-62.5
2700
0.399
155.5
2.63
60.8
0.1504
52.9
0.299
-64.1
2800
0.402
152.7
2.55
59.1
0.1540
53.3
0.299
-65.6
2900
0.407
150.0
2.46
57.4
0.1586
52.4
0.294
-67.4
3000
0.412
146.9
2.39
55.6
0.1634
52.2
0.293
-68.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com