Electronic Components Datasheet Search
  English  ▼

X  

HTT1132E Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 13Page - Renesas Technology Corp HTT1132E Datasheet HTML 14Page - Renesas Technology Corp HTT1132E Datasheet HTML 15Page - Renesas Technology Corp HTT1132E Datasheet HTML 16Page - Renesas Technology Corp HTT1132E Datasheet HTML 17Page - Renesas Technology Corp HTT1132E Datasheet HTML 18Page - Renesas Technology Corp HTT1132E Datasheet HTML 19Page - Renesas Technology Corp HTT1132E Datasheet HTML 20Page - Renesas Technology Corp HTT1132E Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 18 of 21
Q2 S Parameter
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.830
-38.7
13.97
156.0
0.0134
59.3
0.917
-15.0
200
0.774
-70.9
11.91
137.7
0.0420
58.7
0.785
-26.1
300
0.711
-95.8
9.90
124.4
0.0474
45.9
0.675
-31.5
400
0.691
-113.5
8.28
114.9
0.0619
45.0
0.587
-34.0
500
0.669
-126.3
7.01
107.8
0.0615
41.8
0.531
-35.1
600
0.658
-136.0
6.07
102.4
0.0641
40.0
0.486
-35.7
700
0.649
-143.6
5.30
98.0
0.0650
40.4
0.458
-35.5
800
0.644
-149.6
4.72
94.3
0.0676
41.1
0.437
-35.9
900
0.641
-154.8
4.25
90.9
0.0711
44.8
0.420
-36.4
1000
0.641
-158.7
3.86
87.9
0.0723
46.3
0.404
-36.6
1100
0.642
-162.7
3.53
85.2
0.0746
47.9
0.393
-36.7
1200
0.640
-166.0
3.26
82.7
0.0761
49.2
0.384
-37.6
1300
0.639
-169.1
3.02
80.3
0.0775
51.2
0.377
-38.6
1400
0.639
-171.6
2.82
78.1
0.0817
52.5
0.369
-39.7
1500
0.641
-174.0
2.65
75.9
0.0828
55.1
0.361
-40.8
1600
0.640
-176.5
2.49
74.0
0.0869
57.7
0.359
-41.8
1700
0.643
-178.5
2.36
72.0
0.0891
59.0
0.354
-43.3
1800
0.642
179.7
2.24
70.2
0.0928
61.4
0.348
-44.9
1900
0.645
177.7
2.13
68.3
0.0975
63.5
0.343
-46.7
2000
0.646
176.0
2.03
66.5
0.1025
64.1
0.339
-48.3
2100
0.649
174.3
1.94
64.8
0.1082
66.3
0.334
-50.3
2200
0.650
172.8
1.86
63.1
0.1121
68.3
0.331
-52.3
2300
0.653
171.4
1.79
61.4
0.1170
69.4
0.324
-54.6
2400
0.657
169.9
1.72
59.9
0.1227
71.0
0.324
-56.7
2500
0.659
168.6
1.66
58.3
0.1294
71.5
0.318
-58.8
2600
0.662
167.4
1.61
56.9
0.1347
73.5
0.315
-61.5
2700
0.664
166.1
1.56
55.4
0.1425
73.7
0.312
-63.9
2800
0.664
164.8
1.51
53.9
0.1477
74.2
0.308
-66.4
2900
0.670
163.7
1.47
52.6
0.1575
74.8
0.306
-69.5
3000
0.670
162.4
1.42
51.0
0.1641
75.8
0.301
-71.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com