Electronic Components Datasheet Search
  English  ▼

X  

HTT1132E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 5 Page - Renesas Technology Corp

  HTT1132E Datasheet HTML 1Page - Renesas Technology Corp HTT1132E Datasheet HTML 2Page - Renesas Technology Corp HTT1132E Datasheet HTML 3Page - Renesas Technology Corp HTT1132E Datasheet HTML 4Page - Renesas Technology Corp HTT1132E Datasheet HTML 5Page - Renesas Technology Corp HTT1132E Datasheet HTML 6Page - Renesas Technology Corp HTT1132E Datasheet HTML 7Page - Renesas Technology Corp HTT1132E Datasheet HTML 8Page - Renesas Technology Corp HTT1132E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 5 of 21
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
Noise Figure vs. Collector Current
20
16
12
8
4
0
1
2
5
10
20
50
100
Collector Current IC (mA)
S21 Parameter vs. Collector Current
15
10
5
0
1
2
5
10
20
50
100
f = 1 GHz
VCE = 1 V
VCE = 3 V
8
6
5
4
1
0
1
2
5
10
20
50
100
f = 900 MHz
7
3
2
VCE = 3 V
VCE = 1 V
VCE = 2 V
f = 900 MHz
VCE = 3 V
VCE = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com