Electronic Components Datasheet Search
  English  ▼

X  

TP-UART Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # TP-UART
Description  TP-UART-IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP-UART Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button TP-UART Datasheet HTML 7Page - Siemens Semiconductor Group TP-UART Datasheet HTML 8Page - Siemens Semiconductor Group TP-UART Datasheet HTML 9Page - Siemens Semiconductor Group TP-UART Datasheet HTML 10Page - Siemens Semiconductor Group TP-UART Datasheet HTML 11Page - Siemens Semiconductor Group TP-UART Datasheet HTML 12Page - Siemens Semiconductor Group TP-UART Datasheet HTML 13Page - Siemens Semiconductor Group TP-UART Datasheet HTML 14Page - Siemens Semiconductor Group TP-UART Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TP-UART-IC
The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All
rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes
reserved.
25.15.10.41.33a
25.10.01
page
11
The UART-interface works with a clock frequency of 307,2 kHz, if it is chosen 9.6 kbaud (32
sample spots per bit), or 614,4 kHz, if it is chosen 19.2 kbaud (32 sample spots per bit).
3.2.2 Resetbehavior
After connecting the operating voltage the TP-UART-IC generates an active reset
(level 0 V) at pin RESn. This is valid for all modes. If Normal Mode is activated the following
will happen at the UART-interface.
TxD will be 0 as long as there was no bus signal on the EIB for 40 Tbit (1 Tbit = 1/9600 s;
Attention: The bittime of RxD/TxD depends on the adjusted baudrate at the UART-interface,
for example 1 Tbit or 0,5 Tbit). This results in a complete time of 40 Tbit + 12 Tbit = 5,42 ms.
Then TxD changes for 1 Tbit to 1 and following the service TPUART-Reset.Indication is
transmitted. This signal behavior on TxD appears after each reset.
3.2.3 UART-Protocol Definition
The protocol between TP-UART-IC and the application controller is a two wire protocol with
software handshake. Each data byte transmitted to the TP-UART-IC is started with a control
byte. Each data byte received on the EIB is transparently transmitted through the TP-UART-
IC and is therefore started with the EIB control field. Additional Information from the TP-
UART-IC is transmitted with an ESC code on the EIB control field. The host controller which
is connected to the TP-UART-IC needs to detect a receive time-out of 2 to 2,5 ms to detect
an end of Packet.
3.2.3.1 Services to UART
The following Services are supported from the TP-UART-IC.
• U_Reset.request
• U_State.request
• U_Activate Busmonitor
• U_AckInformation (Nack, Busy, Addressed)
• U_L_DataStart
+ CTRL-Byte
• U_L_DataContinue (index)
+ Data-Byte
• U_L_DataEnd
+ Checksum
• U_PollingState (Slotnumber)
+ PollAddrHigh + PollAddrLow + State
UART-Control Field Servicename
Hexadecimal
7 6 5 4 3 2 1 0
0 0 0 0 0 0 0 1 U_Reset.request
01
0 0 0 0 0 0 1 0 U_State.request
02
0 0 0 0 0 1 0 1 U_ActivateBusmon
05
0 0 0 1 0 X X X U_AckInformation
10 - 17
xxx: Nack,Busy,Addressed
1 0 0 0 0 0 0 0 U_L_DataStart
80
1 0 i
i
i
i i
i U_L_DataContinue
81 - BE
i = Index
1 .. 62
0 1 l
l
l
l l
l U_L_DataEnd
47 - 7F
l = last index + 1
7 .. 63
1 1 1 0 s s s s U_PollingState
E0 - EF
s = Slotnumber
0 .. 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com