Electronic Components Datasheet Search
  English  ▼

X  

TP-UART Datasheet(PDF) 22 Page - Siemens Semiconductor Group

Part # TP-UART
Description  TP-UART-IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP-UART Datasheet(HTML) 22 Page - Siemens Semiconductor Group

Back Button TP-UART Datasheet HTML 18Page - Siemens Semiconductor Group TP-UART Datasheet HTML 19Page - Siemens Semiconductor Group TP-UART Datasheet HTML 20Page - Siemens Semiconductor Group TP-UART Datasheet HTML 21Page - Siemens Semiconductor Group TP-UART Datasheet HTML 22Page - Siemens Semiconductor Group TP-UART Datasheet HTML 23Page - Siemens Semiconductor Group TP-UART Datasheet HTML 24Page - Siemens Semiconductor Group TP-UART Datasheet HTML 25Page - Siemens Semiconductor Group TP-UART Datasheet HTML 26Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
TP-UART-IC
The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All
rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes
reserved.
25.15.10.41.33a
25.10.01
page
22
4
INTERFACE BLOCK DIAGRAM
PIN Description
(The drawing of the pins is shown on first page)
Pin #
Name
Type
Description
1
TxD
OUT
data transmit to host controller
2
RESn
IO_HYST
reset pin
3
VIF
SUPPLY
external supply (5V or 3.3V)
4
TSTIN_BDS
IO
input for digital test / baud rate select; output
for analog test
5
SAVE
OUT
save pin
6
DIV
IN
internal clock divider 2:1 active
7
VCC
POWER
external power supply 5 V
8
CSA
ANALOG
current changing rate control
9
VSP
POWER
interstate voltage blocking capacitor
10
VB+
POWER
positive bus pin
11
VB-
POWER
negative bus pin
12
TXO
ANALOG
transmit output current (bus signal)
13
RxIN
ANALOG
capacitive coupling of bus signal
14
MODE0
IN
mode control pin 1
15
MODE1
IN
mode control pin 2
16
TESTMODE
IN
mode control pin 3
17
X1
IN
crystal oscillator pin 1, external clock
18
X2
IN
crystal oscillator pin 2
19
TSTOUT_TW
OUT
digital test / temperature signal
20
RxD
IN_HYST
data receive from host controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com