Electronic Components Datasheet Search
  English  ▼

X  

TP-UART Datasheet(PDF) 25 Page - Siemens Semiconductor Group

Part # TP-UART
Description  TP-UART-IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP-UART Datasheet(HTML) 25 Page - Siemens Semiconductor Group

Back Button TP-UART Datasheet HTML 18Page - Siemens Semiconductor Group TP-UART Datasheet HTML 19Page - Siemens Semiconductor Group TP-UART Datasheet HTML 20Page - Siemens Semiconductor Group TP-UART Datasheet HTML 21Page - Siemens Semiconductor Group TP-UART Datasheet HTML 22Page - Siemens Semiconductor Group TP-UART Datasheet HTML 23Page - Siemens Semiconductor Group TP-UART Datasheet HTML 24Page - Siemens Semiconductor Group TP-UART Datasheet HTML 25Page - Siemens Semiconductor Group TP-UART Datasheet HTML 26Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
TP-UART-IC
The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All
rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes
reserved.
25.15.10.41.33a
25.10.01
page
25
6.1.2 Analogmode
+
C3
6,8u
+
C4
100u/16V
VCC
RESn
SAVE
B
U2
SMAJ43CA
2)
GND
TxD
RxD
D1
BYG21M
A
VCC
C6
10n
2)
C1
47n/50V
C2
47n/50V
R1
68/1W
U1
TP-UART-01
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1
RESn
VIF
TSTIN
SAVE
DIV
VCC
CSA
VSP
VB+
RxD
TSTOUT
X2
X1
TEST MODE
MODE1
MODE0
RxIN
TxO
VB-
TxD
C5
10n
3)
1)
1)
The maximum average powerdissipation of the transmitting resistance of 1 W is valid for an
active telegramrate of 50 %
2)
recommended (close to Pins VSP and VCC)
3)
Buffertime of VCC after SAVE active, see 1.2.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com