Electronic Components Datasheet Search
  English  ▼

X  

TP-UART Datasheet(PDF) 12 Page - Siemens Semiconductor Group

Part # TP-UART
Description  TP-UART-IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP-UART Datasheet(HTML) 12 Page - Siemens Semiconductor Group

Back Button TP-UART Datasheet HTML 8Page - Siemens Semiconductor Group TP-UART Datasheet HTML 9Page - Siemens Semiconductor Group TP-UART Datasheet HTML 10Page - Siemens Semiconductor Group TP-UART Datasheet HTML 11Page - Siemens Semiconductor Group TP-UART Datasheet HTML 12Page - Siemens Semiconductor Group TP-UART Datasheet HTML 13Page - Siemens Semiconductor Group TP-UART Datasheet HTML 14Page - Siemens Semiconductor Group TP-UART Datasheet HTML 15Page - Siemens Semiconductor Group TP-UART Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TP-UART-IC
The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All
rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes
reserved.
25.15.10.41.33a
25.10.01
page
12
3.2.3.1.1 U_Reset.request-Service
Resets the TP-UART-IC to the initial state. At start-up the TP-UART-IC waits for a bus free
time-out before sending a U_Reset.indication-Service to the host controller. To be sure that
TP-UART-IC is in reset state the host controller has to wait for 50 ms and after that the
U_Reset.request-Service can be send.
UART-Control Field (01hex)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
1
3.2.3.1.2 U_State.request-Service
Requests the internal communication state from TP-UART-IC. The TP-UART-IC answers
with the communication state.
UART-Control Field (02hex)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
1
0
3.2.3.1.3 U_ActiveBusmon-Service
Activates the busmonitor mode. That means each byte which is received on the EIB is sent
through the TP-UART-IC as well as illegal control bytes and not used immediate ACK. The
TP-UART-IC is absolute quiet (not sending) on the EIB. The busmonitor mode can only left
by using the U_Reset.request-Service.
UART-Control Field (05hex)
7
6
5
4
3
2
1
0
0
0
0
0
0
1
0
1
3.2.3.1.4 U_AckInformation-Service
The U_AckInformation-Service is to indicate if the device is addressed. This service must be
send latest 1,7 ms (9600 Baud) after receiving the address type octet of an addressed
frame. The nack- / busy- / addressed-bits set internal flags in the TP-UART-IC. The internal
NACK flag is also be set by the TP-UART-IC itself if it is detecting any frame error.
If the TP-UART-IC receive this service and the addressed bit is set it will generate an ACK-,
NACK- or BUSY-frame on the EIB depending on the settings of the NACK- / BUSY-flags.
UART-Control Field
7
6
5
4
3
2
1
0
0
0
0
1
0
x
x
X
AckInformation
1: Nack
1: Busy
1: Addr
0: NotAddr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com