Electronic Components Datasheet Search
  English  ▼

X  

TP-UART Datasheet(PDF) 19 Page - Siemens Semiconductor Group

Part # TP-UART
Description  TP-UART-IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP-UART Datasheet(HTML) 19 Page - Siemens Semiconductor Group

Back Button TP-UART Datasheet HTML 15Page - Siemens Semiconductor Group TP-UART Datasheet HTML 16Page - Siemens Semiconductor Group TP-UART Datasheet HTML 17Page - Siemens Semiconductor Group TP-UART Datasheet HTML 18Page - Siemens Semiconductor Group TP-UART Datasheet HTML 19Page - Siemens Semiconductor Group TP-UART Datasheet HTML 20Page - Siemens Semiconductor Group TP-UART Datasheet HTML 21Page - Siemens Semiconductor Group TP-UART Datasheet HTML 22Page - Siemens Semiconductor Group TP-UART Datasheet HTML 23Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
TP-UART-IC
The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All
rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes
reserved.
25.15.10.41.33a
25.10.01
page
19
3.2.3.2 Services from UART
The first character of each service which is sent to the host controller is the control field. The
control field contains the information about the TP - UART-Service. There are 3 types of
services which can be send to the host controller: the EIB-Layer-2-Services, the Immediate-
Acknowledge-Services and the special TP – UART - Services. The EIB-Layer-2-Services
contain information about their class and also a flag which contains the information whether
the LPDU is a repeated one, or not. The Immediate-Acknowledge-Services include
information about a successful sending. The TP – UART - Services are to inform the host
controller about the communication state or to reset the communication.
Control Field
7 6 5 4 3 2 1 0
Layer-2 Services
1 0 r 1 c1 c0 0 0 L_DATA.ind
c1
c0
0 0 r 1 c1 c0 0 0 L_LONG_DATA.ind
0
0
system priority
1 1 1 1 0 0 0 0 L_Poll_Data.ind
1
0
alarm priority
Immediate Acknowledge Services
0
1
high priority
1 1 0 0 1 1 0 0 Acknowledge frame
1
1
low priority
0 0 0 0 1 1 0 0 NotAcknowledge frame
1 1 0 0 0 0 0 0 Busy frame
EIBUART-Control-Services
0 0 0 0 0 0 1 1 Reset-Indication
x x x x x 1 1 1 State-Response/Indication
x 0 0 0 1 0 1 1 L_DATA.confirm
x = 1 Positive Confirm x = 0 Negative Confirm
repeat flag = 0: repeated L_DATA frame
repeat flag = 1: not repeated
3.2.3.2.1 Layer-2-Services
The Layer-2-Services include all standard EIB Link-Layer-Services. The control fields are
followed by the data of the EIB frame. All bytes received on the EIB are immediately sent to
the host controller. The host controller has to detect a end of packet time out by supervising
the EOP gap of 2 to 2.5 bittimes.
control field
FFR1 cc00
Hexadecimal
long/normal
data link frame type
class
Repeat flag
(0 = repeated)
FF11 0000
30/B0Hex
L_DATA request
system
Not repeated
FF01 0000
10/90Hex
L_DATA request
system
Repeated
FF11 1000
38/B8Hex
L_DATA request
alarm
Not repeated
FF01 1000
18/98Hex
L_DATA request
alarm
Repeated
FF11 0100
34/B4Hex
L_DATA request
high
Not repeated
FF01 0100
14/94Hex
L_DATA request
high
Repeated
FF11 1100
3C/BCHex
L_DATA request
normal
Not repeated
FF01 1100
1C/9CHex
L_DATA request
normal
Repeated
1111 0000
F0Hex
L_POLLDATA request
system
The frame format 01 is not supported.
For a complete description of the Link-Layer service see the EIB - Handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com