Electronic Components Datasheet Search
  English  ▼

X  

EM4170 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM4170
Description  125kHz CRYPTO READ/WRITE Contactless Identification Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4170 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM4170 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EM4170
Copyright
 2002, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Memory Map
0
Bit 31
Bit
0
9
7
6
5
8
4
Bit15
Bit0
3
2
1
UM1 15
UM1 0
Crypt Key 95
Crypt Key 80
Crypt Key 63
Crypt Key 48
Crypt Key 47
Crypt Key 32
Crypt Key 31
Crypt Key 16
Crypt Key 79
Crypt Key 64
Crypt Key 15
Crypt Key 0
ID 31
ID 16
ID 0
LB1,LB0,UM1 29
UM1 16
ID 15
word 15
14
13
12
11
10
UM2 63
UM2 48
UM2 47
UM2 32
UM2 31
UM2 16
UM2 15
UM2 0
PIN 31
PIN 16
PIN 15
PIN
0
Fig. 4
Standby Mode
After a Power-On Reset and upon completion of a command, the chip will execute the Standby Mode, in which it will
continuously send LIWs to allow the reader to issue commands. As every LIW has a duration of 160 periods of the RF field
the reader can turn to Receive mode every 1.3ms at 125kHz.
Receive Mode
To change from Standby Mode to another operation the chip has to be brought into Receive Mode. To do this the
Transceiver sends to the chip the RM pattern during the 32 clocks of modulated phase in a Listen Window (LIW). The
EM4170 will stop sending data upon reception of a valid RM. The RM pattern consists of 2 bits "0" sent by the transceiver.
The first "0" is to be detected during the 32 periods when the modulation is "ON" in the LIW. Next the EM4170 expects a
command to specify the operation to be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com