Electronic Components Datasheet Search
  English  ▼

X  

EM4170 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # EM4170
Description  125kHz CRYPTO READ/WRITE Contactless Identification Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4170 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button EM4170 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 13Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
EM4170
Copyright
 2002, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com
Communication from the Transceiver to the Transponder
Transceiver
Coil
Transponder
Coil
"1"
"1"
"1"
"0"
"0"
"0"
16
16
Periods of RF field :
Bit Period
DATA :
Modulation induced by the Transceiver
Modulation induced by the Transponder
16
*
* Recommended
Minimum
: 4
: 1
periods
period
16
Fig. 17
Pad Assignment
Pin
Name
Description
1
COIL1
Coil connection
2
VPOS
Unregulated positive supply
3
VDD
Positive supply
4
TEST_OUT
Test pad output
5
TEST
Test pad with pull down
6
TEST_CLK
Test pad with pull down
7
VSS
Negative supply
8
COIL2
coil connection
Pad Location
Fig. 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com