Electronic Components Datasheet Search
  English  ▼

X  

EM4170 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM4170
Description  125kHz CRYPTO READ/WRITE Contactless Identification Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4170 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM4170 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
EM4170
Copyright
 2002, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
Commands
The commands are composed of 4 bits, divided into 3 data bits and 1 even parity bit (total amount of "1's" is even including
the parity bit). There exist 6 different commands. Upon reception of an unknown command or a command with wrong parity
the chip will immediately return into Standby Mode.
COMMAND BITS
FUNCTION
WRITE WORD
1 0 1 0
Parity bit
First bit
Recieved
AUTHENTICATION
0 1 1 0
ID-MODE
0 0 1 1
UM-MODE-1
0 1 0 1
Commands
SEND PIN
UM-MODE-2
1 0 0 1
1 1 1 1
Fig. 5
ID Mode
After reception of the command including the parity the chip sends a header consisting of 12 Manchester coded '1's
followed by 4 Manchester coded '0's. Then the chip sends the 32 Bits of ID contained in words 3 and 2 of the EEPROM
once without parity starting with the MSB of word 3. After completion the chip returns to Standby-Mode.
OUTPUT
Coded Data
Data
1 bit - 32 T0 periods
T0 = Period of RF carrier frequency
D31-D0
trID
1111111111110000
Header
LIW
LIW
Command
RM
INPUT
Fig. 6
UM-MODE-1
In UM-MODE-1 the chip sends LB1 and LB0 followed by the 30 Bits of UM1 starting with the MSB following the same
procedure as in ID-MODE. After completion the chip returns to Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com