Electronic Components Datasheet Search
  English  ▼

X  

EM4170 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM4170
Description  125kHz CRYPTO READ/WRITE Contactless Identification Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4170 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM4170 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
EM4170
Copyright
 2002, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
D15
D11
D07
D03
PC3
D14
D10
D06
D02
PC2
D13
D09
D05
D01
PC1
D12
D08
D04
D00
PC0
P3
P2
P1
P0
0
First bit input
Row Even Parity
Last bit input
logic "0"
Column Even Parity
Data
Word Organisation
Fig. 10
After reception of the write command, the address and the data, the EM4170 will check the parity and the Lock-Bits. If all
the conditions are fulfilled, an Acknowledge pattern (ACK) will be issued, and the EEPROM writing process will start. At the
end of programming the chip will send an Acknowledge pattern (ACK). If at least one of the checks fails, the chip will issue
a No Acknowledge pattern (NAK) instead of ACK and return to the Standby Mode.
The EM4170 might also return to the Standby Mode without sending back a NAK if the incoming data is corrupted and/or
inconsistent.
As there is no check of the power supply before writing, the system has to assure that there is enough power received by
the tag (VDD≥2.6V), when performing the write command.
OUTPUT
INPUT
ACK
RM
WRITE WORD ADDRESS
DATA
ACK
LIW
Twa
twee
Write word
LIW
Fig. 11
Write Word
Begin
Receive
Address
Send
ACK
End
valid ?
Y
N
Receive
Data
Write
Data
Send
ACK
Receive
Command
Send
NAK
Fig. 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com