Electronic Components Datasheet Search
  English  ▼

X  

EM4170 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM4170
Description  125kHz CRYPTO READ/WRITE Contactless Identification Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4170 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM4170 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
EM4170
Copyright
 2002, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
Authentication
In this mode the chip first receives the 56 bits of random number followed by a certain number of divergency bits that the
reader should send as "0" followed by 28 Bits of cipher_1 (f(RN)) as authentication of the lock. The chip decides if the
authentication is accepted. In this case the EM4170 sends a header (12 Manchester coded '1's followed by 4 Manchester
coded '0's). Next 20 Bits of cipher_2 (g(RN)) are sent. Else it sends a single NAK. Upon completion of this command the
EM4170 returns to Standby Mode.
Begin
Receive
f(RN)
(28 Bits)
Divergency
Send
g(RN)
(20 Bits)
End
Y
N
Send
header
Send
NAK
Receive
RN
(56 Bits)
f(RN)
valid?
Fig. 7
OUTPUT
INPUT
RM
RN
f(RN)
Tdiv
g(RN)
Tauth
LIW
Header
LIW
Command
“0000000”
Fig. 8
Write Word
The Write Word command is followed by the address and data. The address consists of a 5 bit block containing 4 data bits
and 1 even parity. The data consists of 4 times 5 bit blocks, each block consisting of 4 data bits and 1 associated even
parity bit. One additional block consists of 4 column parity bits and a trailing zero (refer to fig 10).
Address
A3 A2 A1 A0 Padd
Data
D15 D14 D13 D12 P3 D11 D10 D09 D07 P2 D07 D06 D05 D04 P1 D03 D02 D01 D00 P0 PC3 PC2 CP1 PC0 "0"
Fig. 9
First bit received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com