Electronic Components Datasheet Search
  English  ▼

X  

LM3495 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM3495 Datasheet HTML 18Page - National Semiconductor (TI) LM3495 Datasheet HTML 19Page - National Semiconductor (TI) LM3495 Datasheet HTML 20Page - National Semiconductor (TI) LM3495 Datasheet HTML 21Page - National Semiconductor (TI) LM3495 Datasheet HTML 22Page - National Semiconductor (TI) LM3495 Datasheet HTML 23Page - National Semiconductor (TI) LM3495 Datasheet HTML 24Page - National Semiconductor (TI) LM3495 Datasheet HTML 25Page - National Semiconductor (TI) LM3495 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Layout Considerations (Continued)
cap to the pin itself. This trace should also be used to
connect to the top of the feedback resistors. Keep this trace
away from the switch node and from the output inductor.
SEPARATE PGND AND SGND
Good layout techniques include a dedicated ground plane,
usually on an internal layer. Signal level components like the
compensation and feedback resistors should be connected
to a section of this internal plane, SGND. The SGND section
of the plane should be connected to the power ground at
only one point. The best place to connect the SGND and
PGND is right at the SGND pin.
MINIMIZE THE SWITCH NODE
The plane that connects the power FETs and output inductor
together radiates more EMI as it gets larger. Use just enough
copper to give low impedance to the switching currents.
LOW IMPEDANCE POWER PATH
The power path includes the input capacitors, power FETs,
output inductor, and output capacitors. Keep these compo-
nents on the same side of the PCB and connect them with
thick traces or copper planes (shapes) on the same layer.
Vias add resistance and inductance to the power path, and
have high impedance connections to internal planes than to
the top of bottom layers of a PCB. If heavy switching currents
must be routed through vias and/or internal planes, use
multiple vias in parallel to reduce their resistance and induc-
tance. The power components should be kept close to-
gether. The longer the paths that connect them, the more
they act as antennas, radiating unwanted EMI.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com