Electronic Components Datasheet Search
  English  ▼

X  

LM3495 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3495 Datasheet HTML 1Page - National Semiconductor (TI) LM3495 Datasheet HTML 2Page - National Semiconductor (TI) LM3495 Datasheet HTML 3Page - National Semiconductor (TI) LM3495 Datasheet HTML 4Page - National Semiconductor (TI) LM3495 Datasheet HTML 5Page - National Semiconductor (TI) LM3495 Datasheet HTML 6Page - National Semiconductor (TI) LM3495 Datasheet HTML 7Page - National Semiconductor (TI) LM3495 Datasheet HTML 8Page - National Semiconductor (TI) LM3495 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM3495
Emulated Peak Current Mode Buck Controller for Low
Output Voltage
General Description
The LM3495 is a PWM buck regulator which implements a
unique emulated peak current mode control. This control
method eliminates the switching noise which typically limits
current mode operation at extremely short duty cycles and
high operating frequency. The switching frequency is pro-
grammable between 200 kHz and 1.5 MHz, and can also be
synchronized to an external clock. The LM3495 is also very
fault tolerant with both switch node short, hiccup mode, and
adaptive duty cycle limit protection. A 0.6V 1% reference and
glitch free pre-biased start-up ensure the most demanding
digital loads operate reliably. Internal soft start and the ability
to track the output of another supply make the LM3495
versatile and efficient.
Features
n
Input voltage from 2.9V to 18V
n
Output voltage adjustable from 0.6V to 5.5V
n
Feedback Accuracy: ±1%
n
Low-side Sensing, Programmable Current Limit without
sense resistor
n
Input Under Voltage Lockout
n
Hiccup mode current limit protection eliminates thermal
runaway during fault conditions
n
Internal soft start with tracking capability
n
200 kHz to 1.5 MHz Switching frequency,
Synchronizable
n
On-chip gate drivers
n
Soft output discharge during shutdown
n
Startup into output pre-bias
n
Operation from a single input rail
n
Adaptive Duty Cycle Limit
n
TSSOP-16 package
Applications
n
Wide input voltage buck converters with low voltage,
high accuracy outputs
n
Core logic regulators
n
High-efficiency buck regulation
Typical Application
20169901
April 2006
© 2006 National Semiconductor Corporation
DS201699
www.national.com


Similar Part No. - LM3495

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3495 TI1-LM3495 Datasheet
1Mb / 35P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3495 TI-LM3495 Datasheet
1Mb / 36P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3495 TI2-LM3495 Datasheet
943Kb / 39P
LM3495 Emulated Peak Current Mode Buck Controller for Low Output Voltage
REVISED APRIL 2013
LM3495MTC/NOPB TI-LM3495MTC/NOPB Datasheet
1Mb / 36P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3495MTC/NOPB TI2-LM3495MTC/NOPB Datasheet
943Kb / 39P
LM3495 Emulated Peak Current Mode Buck Controller for Low Output Voltage
REVISED APRIL 2013
More results

Similar Description - LM3495

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
223Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOSFETs
R2J20701NP RENESAS-R2J20701NP_08 Datasheet
226Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOS FETs
logo
National Semiconductor ...
LM3000 NSC-LM3000 Datasheet
815Kb / 26P
Dual Synchronous Emulated Current-Mode Controller
logo
Renesas Technology Corp
R2J20751NP RENESAS-R2J20751NP Datasheet
197Kb / 26P
Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20702NP RENESAS-R2J20702NP Datasheet
190Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOS FETs
logo
Texas Instruments
LM5116 TI-LM5116 Datasheet
1Mb / 37P
Emulated Peak Current Mode, Wide Operating Range Up to 100V
LM3000 TI1-LM3000_14 Datasheet
1Mb / 41P
Dual Synchronous Emulated Current-Mode Controller
LM3495 TI1-LM3495_14 Datasheet
1Mb / 35P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3495 TI-LM3495_15 Datasheet
1Mb / 36P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3000 TI1-LM3000 Datasheet
1Mb / 41P
Dual Synchronous Emulated Current-Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com