Electronic Components Datasheet Search
  English  ▼

X  

LM3495 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3495 Datasheet HTML 1Page - National Semiconductor (TI) LM3495 Datasheet HTML 2Page - National Semiconductor (TI) LM3495 Datasheet HTML 3Page - National Semiconductor (TI) LM3495 Datasheet HTML 4Page - National Semiconductor (TI) LM3495 Datasheet HTML 5Page - National Semiconductor (TI) LM3495 Datasheet HTML 6Page - National Semiconductor (TI) LM3495 Datasheet HTML 7Page - National Semiconductor (TI) LM3495 Datasheet HTML 8Page - National Semiconductor (TI) LM3495 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Electrical Characteristics Specifications with standard type are for T
J = 25˚C only; limits in boldface type
apply over the full Operating Junction Temperature (T
J) range. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C, and are provided for
reference purposes only. Unless otherwise indicated, V
IN = 12V. (Continued)
Symbol
Parameter
Conditions
Min
Typ
(Note
4)
Max
Units
R
DS3
Low-Side FET Driver Pull-up ON
resistance
VLIN5 = 5.5V
1.4
Ω
R
DS4
Low-Side FET Driver Pull-down ON
resistance
VLIN5 = 5.5V
0.7
Ω
OSCILLATOR
f
SW
PWM Frequency
R
ADJ = 150 k
Ω
200
kHz
R
ADJ = 54.9 k
Ω
450
500
550
R
ADJ = 17.8 k
Ω
1500
V
SYNC-HI
Threshold for SYNC on FREQ Pin
SYNC Voltage Rising
1.2
V
V
SYNC-LO
Threshold for SYNC on FREQ Pin
SYNC Voltage Falling
0.3
V
t
ON-SKIP
On Time During Skip Mode
V
O = 1.5V
f
SW = 500 kHz
125
ns
t
ON-MAX
Adaptive Maximum On-time Limit
V
O = 1.5V
f
SW = 500 kHz
750
ns
t
OFF-MIN
Minimum Off-time
300
ns
ERROR AMP
g
M
Transconductance
750
µmho
BW
-3dB
Open Loop Bandwidth
COMP/SD Floating
5
MHz
I
FB
FB Pin Bias Current
V
FB = 0.6V
1
nA
I
SOURCE
COMP/SD Pin Source Current
V
FB = 0.5V, COMP/SD = 1.5V
40
µA
I
SINK
COMP/SD Pin Sink Current
V
FB = 0.7V, COMP/SD = 1.5V
40
µA
V
COMP-HI
COMP/SD Pin Voltage High Clamp
V
FB = 0.5V
2
V
V
COMP-LO
COMP/SD Pin Voltage Low Clamp
V
FB = 0.7V
0.9
V
TRACKING
V
TEND
Track End Threshold
0.6
V
V
TRACK-OS
Track to FB Offset
TRACK = 0.55V
15
mV
INTERNAL VOLTAGE REGULATOR
V
VLIN5
Voltage at VLIN5 Pin (Note 3)
V
IN = 12V, VLIN5 Current = 25 mA
4.72
V
V
IN = 3.3V, VLIN5 Current = 25 mA
3.0
V
LOGIC INPUTS AND OUTPUTS
V
SD-HI
COMP/SD Pin Logic High Trip Point
COMP/SD Pin Voltage Rising
0.3
0.4
V
V
SD-LO
COMP/SD Pin Logic Low Trip Point
COMP/SD Pin Voltage Falling
0.2
0.26
V
THERMAL CHARACTERISTICS
θ
JA
Junction-to-Ambient Thermal
Resistance
155
˚C/W
T
SD
Thermal Shutdown Threshold
150
˚C
T
SD-HYS
Thermal Shutdown Hysteresis
15
˚C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 3: VLIN5 provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Note 4: Typical specifications represent the most likely parametric norm at 25˚C operation.
Note 5: An extended negative voltage limit of –2V applies for a duration of 20 ns per switching cycle
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com