Electronic Components Datasheet Search
  English  ▼

X  

LM3495 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3495 Datasheet HTML 1Page - National Semiconductor (TI) LM3495 Datasheet HTML 2Page - National Semiconductor (TI) LM3495 Datasheet HTML 3Page - National Semiconductor (TI) LM3495 Datasheet HTML 4Page - National Semiconductor (TI) LM3495 Datasheet HTML 5Page - National Semiconductor (TI) LM3495 Datasheet HTML 6Page - National Semiconductor (TI) LM3495 Datasheet HTML 7Page - National Semiconductor (TI) LM3495 Datasheet HTML 8Page - National Semiconductor (TI) LM3495 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN, ILIM
−0.3V to 20V
SW/CSH (Note 5)
−0.5V to 20V
BOOST, HG
−0.3V to 25V
BOOST to SW
−0.3V to 6V
FB
−0.3V to 2V
TRACK, FREQ, FPWM, VLIN5,
SNS, LG, CSL
−0.3V to 6V
Storage Temperature
−65˚C to +150˚C
Soldering Information
Lead Temperature (soldering, 10
sec)
260˚C
Infrared or Convection (15 sec)
235˚C
ESD Rating (Note 2)
2kV
Operating Ratings (Note 1)
Supply Voltage Range (V
IN)
2.9V to 18V
BOOST to SW
2.5V to 5.5V
Junction Temperature
−40˚C to +125˚C
Electrical Characteristics Specifications with standard type are for T
J = 25˚C only; limits in boldface type
apply over the full Operating Junction Temperature (T
J) range. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C, and are provided for
reference purposes only. Unless otherwise indicated, V
IN = 12V.
Symbol
Parameter
Conditions
Min
Typ
(Note
4)
Max
Units
SYSTEM PARAMETERS
V
FB
FB Pin Voltage
-20˚C to 85˚C
0.594
0.6
0.606
V
-40˚C to 125˚C
0.591
0.6
0.609
∆V
FB/VFB
Line Regulation
2.9V < VIN < 18V, COMP/SD = 1.5V
0.1
%
Load Regulation
1.1V < COMP/SD <1.8V
0.1
%
V
ON
UVLO Thresholds
VIN Rising
2.55
2.6
2.7
V
VIN Falling
2.26
2.3
2.45
I
Q
Operating VIN Current
COMP/SD > 0.3V
Not switching
1.8
mA
Quiescent Current
COMP/SD < 0.3V
Shutdown, VIN = 18V
33
µA
I
ILIM
ILIM Pin Source Current
18
20
22
µA
V
ILIM-MAX
Maximum Current Limit Sense
Voltage
200
mV
I
SD
COMP/SD Pin Pull-up current
COMP/SD = 0V
2
2.6
µA
V
HICCUP
COMP/SD Pin Hiccup Threshold
2V
t
DELAY
Hiccup Delay
16
Cycles
t
COOL
Cool Down Time Until Restart
4096
Cycles
t
SS
Internal Soft start Time
400
Cycles
V
OVP
Over Voltage Protection Threshold
Asa%of nominal output voltage
116
125
132
%
I
FPWM
FPWM Pin Pull-up Current
FPWM = 0V
4.5
µA
V
FPWM-LO
FPWM Operation Threshold
FPWM Voltage Falling
0.9
V
R
SNS
SNS Pin Input Resistance
SNS = 1.5V
COMP/SD > 0.3V
30
k
Ω
R
DIS
SNS Pin Discharge FET R
DSON
SNS = 1.5V
COMP/SD = 0V
350
440
530
Ω
GATE DRIVE
I
BOOST
BOOST Pin Leakage Current
BOOST - SW = 5.5V
25
nA
R
DS1
High-Side FET Driver Pull-up ON
resistance
BOOST - SW = 4.5V
4.5
Ω
R
DS2
High-Side FET Driver Pull-down ON
resistance
BOOST - SW = 4.5V
0.9
Ω
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com