Electronic Components Datasheet Search
  English  ▼

X  

LM3495 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3495 Datasheet HTML 13Page - National Semiconductor (TI) LM3495 Datasheet HTML 14Page - National Semiconductor (TI) LM3495 Datasheet HTML 15Page - National Semiconductor (TI) LM3495 Datasheet HTML 16Page - National Semiconductor (TI) LM3495 Datasheet HTML 17Page - National Semiconductor (TI) LM3495 Datasheet HTML 18Page - National Semiconductor (TI) LM3495 Datasheet HTML 19Page - National Semiconductor (TI) LM3495 Datasheet HTML 20Page - National Semiconductor (TI) LM3495 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Design Considerations (Continued)
minimum inductance must be used based on the R
DSON of
the low-side FET and the desired switching frequency. As
with switching frequency, the inductance used is a tradeoff
between size and cost. Larger inductance means low current
ripple and hence low output voltage ripple. However, less
inductance results in smaller, less expensive devices. An
inductance that gives a ripple current of 30% to 40% of the
maximum load current is a good starting point (
∆i
O = 30% to
40%*I
O). Minimum inductance should be calculated from this
value, using the maximum input voltage, as:
By calculating in terms of amperes, volts, and megahertz,
the inductance value will come out in micro henries. The
second minimum inductance equation specific to the
LM3495 is:
By calculating in terms of milliohms and kilohertz the induc-
tance value will come out in micro henries.
For this design:
Whichever equation gives the higher value for inductance is
the one which should be followed.
The second criterion for selecting an inductor is the peak
current carrying capability. This is the level above which the
inductor will saturate. In saturation the inductance drops off
severely, often to 20% to 30% of the rated value. In a buck
converter, peak current, I
PK, is equal to the maximum load
current plus one half of the ripple current. For this example:
I
PK = 10A + 1.5A = 11.5A
Hence an inductor must be selected that has a peak current
rating greater than 11.5A and an average current rating
greater than 10A. To ensure a robust design, the inductor
selected should maintain approximately 50% of its rated
inductance during the worst-case peak current from an out-
put short circuit. For a low-side current limit the peak current
during an output short circuit can be estimated as I
CL plus
∆i
(O-MAX).
∆i
(O-MAX) is calculated by substituting zero for
output voltage in the expression for
∆i
O. Inductor core ma-
terials with soft saturation characteristics are preferred. One
inductor that meets the peak current guidelines is an off-the-
shelf 1.0 µH component that can handle a peak current of
18A and an average current of 14A. The inductor current
ripple and peak inductor current should be recalculated for
the selected inductance value, L
ACTUAL, by rearranging the
equation for minimum inductance:
OUTPUT CAPACITOR
The output capacitor in a switching regulator is selected on
the basis of capacitance, equivalent series resistance (ESR),
size, and cost. An important specification in switching con-
verters is the output ripple voltage,
∆v
O. At 500 kHz the
impedance of most capacitors is very small compared to
ESR, hence ESR becomes the main selection guide. In this
design the load requires a 1% ripple, which results in a
∆v
O
of 10 mV
P-P. Maximum ESR is then:
ESR
MAX is 10 m
Ω. Multi-layer ceramic, aluminum electro-
lytic, tantalum, solid aluminum, organic, and niobium capaci-
tors are all popular in switching converters. Generally, by the
time enough capacitors have been paralleled to obtain the
desired ESR, the bulk capacitance is more than enough to
supply the load current during a transient from no-load to full
load. In this example the load could transition quickly from
0A to 5A, (or from 5A to 0A), so moderate bulk capacitance
is needed. Two MLCC capacitors rated 100 µF, 6.3V each
with ESR of 3 m
Ω will work well.
VLIN5 DECOUPLING CAPACITOR
The VLIN5 pin should always be decoupled with a 2.2 µF,
10V-rated ceramic capacitor placed as close as possible to
the VLIN5 and PGND pins of the LM3495. The decoupling
capacitor should have a minimum X5R or X7R type dielectric
to ensure that the capacitance remains stable over the ex-
pected voltage and temperature range.
INPUT CAPACITOR
The input capacitors to a buck regulator are used to smooth
the large current pulses drawn by the inductor and load
when the high-side FET is on. Due to this large AC stress,
input capacitors are usually selected on the basis of their AC
rms current rating rather than bulk capacitance. Low ESR is
beneficial because it reduces the power dissipation in the
capacitors. Although any of the capacitor types mentioned in
the Output Capacitor section can be used, MLCCs are com-
mon because of their low ESR and because in general the
input to a buck converter does not require as much bulk
capacitance as the output. Input current, I
rms, can be calcu-
lated using the following equation:
A good estimate for the maximum AC rms current is one-half
of the maximum load current. For this example, the rms input
current can be estimated as 3.5A. Regardless of the type
and number of capacitors used, every design will benefit
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com