Electronic Components Datasheet Search
  English  ▼

X  

LM3495 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3495 Datasheet HTML 10Page - National Semiconductor (TI) LM3495 Datasheet HTML 11Page - National Semiconductor (TI) LM3495 Datasheet HTML 12Page - National Semiconductor (TI) LM3495 Datasheet HTML 13Page - National Semiconductor (TI) LM3495 Datasheet HTML 14Page - National Semiconductor (TI) LM3495 Datasheet HTML 15Page - National Semiconductor (TI) LM3495 Datasheet HTML 16Page - National Semiconductor (TI) LM3495 Datasheet HTML 17Page - National Semiconductor (TI) LM3495 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Applications Information (Continued)
approximately 0.6V. This decay follows the time constant of
C
SYNC and RFRQ, and once it is complete the regulator will
switch at the frequency set by R
FRQ.
Care must be taken to prevent errant pulses from triggering
the synchronization circuitry. In applications that will not
synchronize to an external clock, C
SYNC should be con-
nected from the FREQ/SYNC pin to signal ground as a noise
filter. When a clock pulse is first detected, the LM3495
begins switching at the external clock frequency. Noise or a
short burst of clock pulses can result in off times as long as
7.5 µs for the high-side FET if they occur while the internal
synchronization circuits are adjusting.
MOSFET GATE DRIVE
The LM3495 has two gate drivers designed for driving
N-channel MOSFETs in a synchronous mode. Power for the
high-side driver is supplied through the BOOST pin. For the
high-side gate drive to fully turn on the top FET, the BOOST
pin voltage must be at least one threshold voltage, V
GS(th),
greater than V
IN. This voltage is supplied from a local charge
pump structure which consists of a Schottky diode and 0.1
µF capacitor, shown in Figure 5.
Both the bootstrap and the low-side FET driver are fed from
VLIN5, which is the output of a 4.7V internal linear regulator.
This regulator has a dropout voltage of approximately 1V. If
V
IN drops below 4V, an internal switch shorts the VIN and
VLIN5 pins together. The drive voltage for the top FET driver
is therefore VLIN5-V
D, where VD is the drop across the
Schottky diode D1. This information is needed to select the
type of MOSFETs to be used.
INPUT VOLTAGE BELOW 5.5V
The LM3495 includes an internal 4.7V linear regulator con-
nected from the VIN pin to the VLIN5 pin. This linear regu-
lator feeds the logic and FET drive circuitry. For input volt-
ages less than 5.5V, the VIN and VLIN5 pins can be shorted
together externally. The external short circuit bypasses both
the internal linear regulator and the internal PMOS switch,
allowing the full input voltage to be used for driving the power
FETs and minimizing conduction loss in the LM3495 itself.
For voltage inputs that range above and below 5.5V the
LM3495 must not use a short from VIN to VLIN5.
UNDER VOLTAGE LOCK-OUT
The 2.6V turn-on threshold on the voltage at VIN has a built
in hysteresis of 300 mV. If input voltage drops below 2.3V the
chip enters under voltage lock-out (UVLO) mode. UVLO
consists of turning off both the top and bottom FETs and
remaining in that condition until input voltage rises above
2.6V.
BOOTSTRAP DIODE SELECTION
Schottky diodes are the preferred choice for the bootstrap
circuit because of their low forward voltage drop. For circuits
that will operate at high ambient temperature the Schottky
diode datasheet must be read carefully to ensure that the
reverse leakage current at high temperature does not in-
crease enough to deplete the charge on the bootstrap ca-
pacitor while the high-side FET is off. Some Schottky diodes
increase their reverse leakage by as much as 1000x at their
upper temperature limit. Fast recovery and PN junction di-
odes maintain low reverse leakage even at high ambient
temperature. For high ambient temperature operation Schot-
tky diodes with guaranteed low leakage across temperature
or fast recovery type diodes should be used.
OVER VOLTAGE PROTECTION
The LM3495 will shut down if the output voltage exceeds
125% of the steady state target voltage for longer than 4 µs.
The high-side FET is turned off and the low-side FET is
turned on. The LM3495 will remain in this condition until
either the VIN pin voltage is cycled to ground, or the
COMP/SD pin voltage is pulled to below 0.3V and then
released. Either of these reset mechanisms will cause the
device to perform a soft-start.
LOW-SIDE CURRENT LIMIT
The current limit of the LM3495 operates by sensing the
current in the low-side FET while the load current, I
O, circu-
lates through it. The low-side FET drain-to-source voltage,
V
DS, is compared against the voltage of a fixed, internal 20
µA current source and a user-selected resistor, R
ILIM. The
value of R
ILIM for a desired current limit threshold, ICL, can
be selected with the following equation:
R
ILIM is connected between the switch node and the ILIM
pin. A current limit event is sensed when V
DS exceeds VILIM.
(V
ILIM =20µA x RILIM). The high-side switch is disabled for
the following cycle and the low-side FET is kept on during
this time.
During long duration current limit conditions or a short circuit
the output voltage droops. This in turn causes the COMP/SD
pin voltage to rise. If the COMP/SD pin voltage exceeds 2V
20169936
FIGURE 4. Clock Synchronization Circuit
20169937
FIGURE 5. Bootstrap Circuit
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com