Electronic Components Datasheet Search
  English  ▼

X  

K4213 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # K4213
Description  SWITCHING N-CHANNEL POWER MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

K4213 Datasheet(HTML) 3 Page - Renesas Technology Corp

  K4213 Datasheet HTML 1Page - Renesas Technology Corp K4213 Datasheet HTML 2Page - Renesas Technology Corp K4213 Datasheet HTML 3Page - Renesas Technology Corp K4213 Datasheet HTML 4Page - Renesas Technology Corp K4213 Datasheet HTML 5Page - Renesas Technology Corp K4213 Datasheet HTML 6Page - Renesas Technology Corp K4213 Datasheet HTML 7Page - Renesas Technology Corp K4213 Datasheet HTML 8Page - Renesas Technology Corp K4213 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK4213
Document No. D19565EJ1V0DS00 (1st edition)
Date Published December 2008 NS
Printed in Japan
2008
DESCRIPTION
The 2SK4213 is N-channel MOS FET device that features a low on-state resistance and excellent switching characteristics,
and designed for low voltage high current applications such as DC/DC converter with synchronous rectifier.
FEATURES
• Low on-state resistance
RDS(on)1 = 6.0 m
Ω MAX. (VGS = 10 V, ID = 30 A)
RDS(on)2 = 9.5 m
Ω MAX. (VGS = 4.5 V, ID = 20 A)
• Low total gate charge
QG = 34 nC TYP. (VDD = 15 V, VGS = 10 V, ID = 30 A)
• 4.5 V drive available
• Avalanche capability ratings
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
2SK4213-ZK-E1-AY
Note
2SK4213-ZK-E2-AY
Note
Pure Sn (Tin)
Tape 2500 p/reel
TO-252 (MP-3ZK) typ. 0.27 g
Note Pb-free (This product does not contain Pb in external electrode).
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
25
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
±64
A
Drain Current (pulse)
Note1
ID(pulse)
±192
A
Total Power Dissipation (TC = 25
°C)
PT1
45
W
Total Power Dissipation (TA = 25
°C)
PT2
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note2
IAS
21
A
Single Avalanche Energy
Note2
EAS
44
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Starting Tch = 25
°C, VDD = 12.5 V, RG = 25 Ω, VGS = 20 → 0 V, L = 0.1 mH
(TO-252)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com