Electronic Components Datasheet Search
  English  ▼

X  

K4213 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # K4213
Description  SWITCHING N-CHANNEL POWER MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

K4213 Datasheet(HTML) 5 Page - Renesas Technology Corp

  K4213 Datasheet HTML 1Page - Renesas Technology Corp K4213 Datasheet HTML 2Page - Renesas Technology Corp K4213 Datasheet HTML 3Page - Renesas Technology Corp K4213 Datasheet HTML 4Page - Renesas Technology Corp K4213 Datasheet HTML 5Page - Renesas Technology Corp K4213 Datasheet HTML 6Page - Renesas Technology Corp K4213 Datasheet HTML 7Page - Renesas Technology Corp K4213 Datasheet HTML 8Page - Renesas Technology Corp K4213 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet D19565EJ1V0DS
3
2SK4213
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
FORWARD BIAS SAFE OPERATING AREA
0
20
40
60
80
100
120
0
25
50
75
100
125 150
175
TC - Case Temperature -
°C
0.1
1
10
100
1000
0.01
0.1
1
10
100
ID(pulse)
ID(DC)
TC = 25
°C
Single Pulse
R
D
S(
on
) L
im
ite
d
(V
G
S
=
1i0
V
)
PW
=
1
i
00
μs
DC
1 ms
10 ms
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Rth(ch-A) = 125
°C/W
Single Pulse
Rth(ch-C) = 2.78
°C/W
PW - Pulse Width - s
FORWARD TRANSFER CHARACTERISTICS
GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
0
10
20
30
0
123
45
VDS = 10 V
Pulsed
TA = 125
°C
75
°C
25
°C
−55°C
VGS - Gate to Source Voltage - V
0
1
2
3
4
-75
-25
25
75
125
175
VDS = VGS
ID = 250
μA
Tch - Channel Temperature -
°C
100
μ
1 m
10 m
100 m
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com