Electronic Components Datasheet Search
  English  ▼

X  

K4213 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # K4213
Description  SWITCHING N-CHANNEL POWER MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

K4213 Datasheet(HTML) 6 Page - Renesas Technology Corp

  K4213 Datasheet HTML 1Page - Renesas Technology Corp K4213 Datasheet HTML 2Page - Renesas Technology Corp K4213 Datasheet HTML 3Page - Renesas Technology Corp K4213 Datasheet HTML 4Page - Renesas Technology Corp K4213 Datasheet HTML 5Page - Renesas Technology Corp K4213 Datasheet HTML 6Page - Renesas Technology Corp K4213 Datasheet HTML 7Page - Renesas Technology Corp K4213 Datasheet HTML 8Page - Renesas Technology Corp K4213 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet D19565EJ1V0DS
4
2SK4213
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0.1
1
10
100
0.1
1
10
100
VDS = 5 V
Pulsed
75
°C
25
°C
−55°C
TA = 150
°C
ID - Drain Current - A
0
5
10
15
0.1
1
10
100
1000
Pulsed
10 V
VGS = 4.5 V
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
0
5
10
15
0
5
10
15
20
ID = 30 A
Pulsed
VGS - Gate to Source Voltage - V
0
2
4
6
8
10
-75
-25
25
75
125
175
Pulsed
10 V, 30 A
VGS = 4.5 V, ID = 20 A
Tch - Channel Temperature -
°C
CAPACITANCE vs. DRAIN TOSOURCE VOLTAGE
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
100
1000
10000
0.1
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
ID = 30 A
VDD = 5 V
15 V
20 V
QG - Gate Charge - nC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com