Electronic Components Datasheet Search
  English  ▼

X  

K4213 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # K4213
Description  SWITCHING N-CHANNEL POWER MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

K4213 Datasheet(HTML) 4 Page - Renesas Technology Corp

  K4213 Datasheet HTML 1Page - Renesas Technology Corp K4213 Datasheet HTML 2Page - Renesas Technology Corp K4213 Datasheet HTML 3Page - Renesas Technology Corp K4213 Datasheet HTML 4Page - Renesas Technology Corp K4213 Datasheet HTML 5Page - Renesas Technology Corp K4213 Datasheet HTML 6Page - Renesas Technology Corp K4213 Datasheet HTML 7Page - Renesas Technology Corp K4213 Datasheet HTML 8Page - Renesas Technology Corp K4213 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet D19565EJ1V0DS
2
2SK4213
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 25 V, VGS = 0 V
10
μA
Gate Leakage Current
IGSS
VGS =
±16 V, VDS = 0 V
±100
nA
Gate to Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250
μA
1.5
3.0
V
Forward Transfer Admittance
Note
| yfs |
VDS = 5 V, ID = 16 A
12
27
S
RDS(on)1
VGS = 10 V, ID = 30 A
4.2
6.0
m
Ω
Drain to Source On-state Resistance
Note
RDS(on)2
VGS = 4.5 V, ID = 20 A
6.4
9.5
m
Ω
Input Capacitance
Ciss
VDS = 15 V,
1700
pF
Output Capacitance
Coss
VGS = 0 V,
310
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
200
pF
Turn-on Delay Time
td(on)
VDD = 15 V, ID = 30 A,
14
ns
Rise Time
tr
VGS = 10 V,
14
ns
Turn-off Delay Time
td(off)
RG = 3
Ω
49
ns
Fall Time
tf
10
ns
Total Gate Charge
QG
VDD = 15 V,
34
nC
Gate to Source Charge
QGS
VGS = 10 V,
5
nC
Gate to Drain Charge
QGD
ID = 30 A
10
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 30 A, VGS = 0 V
0.86
1.5
V
Reverse Recovery Time
trr
IF = 30 A, VGS = 0 V,
29
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
μs
20
nC
Note Pulsed
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
PG.
L
VDD
VGS = 20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
τ
PG.
50
Ω
D.U.T.
RL
VDD
IG = 2 mA
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com