Electronic Components Datasheet Search
  English  ▼

X  

K4213 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # K4213
Description  SWITCHING N-CHANNEL POWER MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

K4213 Datasheet(HTML) 7 Page - Renesas Technology Corp

  K4213 Datasheet HTML 1Page - Renesas Technology Corp K4213 Datasheet HTML 2Page - Renesas Technology Corp K4213 Datasheet HTML 3Page - Renesas Technology Corp K4213 Datasheet HTML 4Page - Renesas Technology Corp K4213 Datasheet HTML 5Page - Renesas Technology Corp K4213 Datasheet HTML 6Page - Renesas Technology Corp K4213 Datasheet HTML 7Page - Renesas Technology Corp K4213 Datasheet HTML 8Page - Renesas Technology Corp K4213 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet D19565EJ1V0DS
5
2SK4213
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
0.1
1
10
100
1000
0
0.5
1
1.5
Pulsed
VGS = 10 V
4.5 V
0 V
VF(S-D) - Source to Drain Voltage - V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com