Electronic Components Datasheet Search
  English  ▼

X  

MV-3003AL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MV-3003AL
Description  Miniature Basic Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MV-3003AL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MV-3003AL Datasheet HTML 1Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 2Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 3Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 4Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 5Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 6Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 7Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 8Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Moujen Electric Co., Ltd. (Taiwan HQ) - Since 1961
63
moujenglobal.com
Materials
Actuation touch part
Electrical contact point
Enclosure
Stainless Steel, or Phenolic, or POM
thermoplastic, or Nickel-plated brass
Silver-Nickel Alloy
PC plastic with ABS
Nomenclature
Series:
Actuator (and material):
Operating
Force:
Amp code:
Contact Form:
MV –
3003
A
– NO
3000 = Phenolic Plunger
3001 = Metallic Lever, simulated roller
3002 = Metallic Lever, straight
3003 = Metallic Lever, straight long
3003L = Metallic Lever, straight long 55.5mm
3004 = Lever, nickel-plated brass roller
3005 = Lever, nickel-plated brass roller, long
V-0 fire resist (120C temp.)
3100 = Phenolic Plunger
3101 = Metallic Lever, simulated roller
3102 = Metallic Lever, straight
3103 = Metallic Lever, straight long
3104 = Lever, nickel-plated brass roller
3105 = Lever, nickel-plated brass roller, long
A=Standard
Blank=5 Amps
20=15 Amps
Blank=Form C
NO=Form A
NC=Form B
CUSTOM
MV-3004A-P = Lever, POM roller
MV-3005A-P = Lever, POM roller, long
MV-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com