Electronic Components Datasheet Search
  English  ▼

X  

MV-3003AL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MV-3003AL
Description  Miniature Basic Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MV-3003AL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MV-3003AL Datasheet HTML 1Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 2Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 3Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 4Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 5Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 6Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 7Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 8Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Moujen Electric Co., Ltd. (Taiwan HQ) - Since 1961
62
moujenglobal.com
MV-3 Series
Miniature Basic Switch
Features
Standard miniature, and durable, switch for mass application
High temperature enclosure material is rated for V-0 fire resist
Forms C, A, and B contact variations available
Recognition(s)
CE – EN61058-1
UL – UL-508
CCC – GB14048.5-2008
CSA – 6241 90
RoHS Compliant
Reach Unaffected
Characteristics
Positive
Opening
Electrical
Contact
Terminal Type
Contact Form(s)
Poles & Throws
Actuation Sequence(s)
No
2 or 3
Points
Quick connect
(#187)
Form(s) C, A or B
SPDT,
or SPST-NO,
or SPST-NC
Break(1) Make(2)
or single make
or single break
Operating Temp.
AC Rated
DC Rated
IP
Oil
Resist
Dust
Resist
Water
Resist
Operating
Speed
-25 to 80 Celsius,
-25 to 120 Celsius
5A 125V-250V,
15A 125V-250V
0.5A 125V
40
No
No
No
0.01mm to
1m/sec
Operation Frequency
Contact Resistance
Insulation Resistance
Vibration
Mechanically: 600/min
Electrically: 60/min
15mΩ max. (initial)
100MΩ min. (500VDC)
1.5mm amplitude at 10-
55Hz
Storage Humidity
Service Life (min.)
Dielectric Strength
85% RH max
Mechanically: 5,000,000 operations
Electrically: 500,000 operations
1000VAC, 50/60Hz for 1 minute between non-
continuous terminals
Recommended tightening forces
Circuitry
Purpose
Screw type
Tightening
Mounting
M3
0.39~0.59N⋅m
MV-3


Similar Part No. - MV-3003AL

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MV-301-27E OHMITE-MV-301-27E Datasheet
366Kb / 2P
Minimum assembly cost and labor
MV-301-27E OHMITE-MV-301-27E Datasheet
366Kb / 2P
Heatsink with clips for TO-264 and TO-247
MV-302-55E OHMITE-MV-302-55E Datasheet
366Kb / 2P
Minimum assembly cost and labor
MV-302-55E OHMITE-MV-302-55E Datasheet
366Kb / 2P
Heatsink with clips for TO-264 and TO-247
logo
Tyco Electronics
MV-305047-10-8A MACOM-MV-305047-10-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
More results

Similar Description - MV-3003AL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
Miniature Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
SWITCH BASIC
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
Miniature Basic Switch
logo
Omron Electronics LLC
D2MV OMRON-D2MV Datasheet
1Mb / 5P
Miniature Basic Switch
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
MICRO SWITCH Standard Miniature Basic Switches
06/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com