Electronic Components Datasheet Search
  English  ▼

X  

MV-3003AL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MV-3003AL
Description  Miniature Basic Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MV-3003AL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MV-3003AL Datasheet HTML 2Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 3Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 4Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 5Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 6Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 7Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 8Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 9Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Moujen Electric Co., Ltd. (Taiwan HQ) - Since 1961
108
moujenglobal.com
Precautions for Safe Use
• Be sure to ground. Otherwise electric shock may result.
• Do not touch charged switch terminals while the switch is carrying current, otherwise electric shock may result.
• Do not disassemble or touch the inside while the power is turned on, otherwise electric shock may result.
• Do not handle products without proper protective gears; doing so may result in injury.
• Connect a fuse which has 1.5 to 2 times higher breaking current than the product, in order to prevent products from
short-circuit damage.
• On the occasion when using the switch with EN/IEC/GB ratings, use a 10 A fuse that complies IEC60269, either type
gG or gL.
• Operating conditions will affect product durability. Be sure to check with actual using conditions before usage.
• Do not drop the switch.
• Do not connect a Single Limit Switch to two power supplies that are different in polarity or type. This may increase
the risk of interference.
• Be sure to keep the load current less than the rated value. Otherwise, there is the possibility that the switch may be
damaged and/or burnout.
• Do not use the Switch by itself in atmospheres containing flammable or explosive gases. Arcs and heat resulted from
constant actuating may cause fire or explosion.
• Be sure to prevent foreign materials such as scrapped cable intrusion into the switch when wiring. Otherwise, there
is the possibility of spoiling normal operations.
• Do not wire to the wrong terminals.
• Using the Switch in a pressed-in state for an extended period of time can accelerate part deterioration and also lead
to failure to return to the original position. Check the Switch beforehand, and perform periodic inspection and
replacement.
• Do not store or use the switch at the following places: (i)where the temperature fluctuates greatly. (ii)where the
humidity is very high and condensation may occur. (iii)Where the vibration is great. (iv)Where there is direct sun light.
(v)Where exposed to salty winds. (vi)Where exposed to cutting powder, machining chips, oil, and chemicals inside the
protective doors. (vii)Where exposed to cleansers, thinners, and other solvents.
• Do not use or store the Switch in locations with corrosive gas, such as sulfuric gas (H2S or SO2), ammonium gas
(NH3), nitric gas (HNO3), or chlorine gas (Cl2), or high temperature and humidity. Otherwise, contact failure or
corrosion damage may result.
• Do not disassemble and/or modify the switch at any time. Otherwise, there is the possibility of spoiling the normal
operation.
• Do not apply deformative and/or degenerative forces to products.
• If products have been used over an extended period of time or uses stated in products datasheets, contact reliability
may still degrade due to natural oxidation; resulting in inadequate conductivity, which may lead to an accident. Please
swiftly preform inspections and insure proper replacements are carried out.
• Only allow certified professionals to preform installing and maintenance tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com