Electronic Components Datasheet Search
  English  ▼

X  

MV-3003AL Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MV-3003AL
Description  Miniature Basic Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MV-3003AL Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MV-3003AL Datasheet HTML 4Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 5Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 6Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 7Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 8Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 9Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 10Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 11Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Moujen Electric Co., Ltd. (Taiwan HQ) - Since 1961
110
moujenglobal.com
Mounting and Tightening
• Please view each individual product page’s allowed parameters for details.
• Please follow these parameters diligently. Otherwise products may not function properly.
Wiring & Cabling
• Use M3.5-nylon insulation covered crimp terminals (round type)
• Appropriate wire size is AWG18.
• Do not supply electric power when wiring. Otherwise electric shock may result.
• Do not pull on the wires with excessive force.
• Avoid connecting the wires directly to the terminal. Instead, attach using a crimp terminal.
• Grounding is only installed on models with ground terminals.
• In the case of prewired connector and direct connector: Holding the connector certainly when pulling connector. Do
not pull the cable with excessive force.
Conduit Installation
• The connector must be tightened at a suitable tightening torque. Tightening with excessive torque could damage the
case.
• Select the connector based on the sealed rubber inner diameter for matching the cable outer diameter.
• When mounting the connector, use seal tape (not needed if the connector includes an O-ring) on the threaded
section of the connector to ensure sealing performance.
• To ensure compliance of this Switch with the CSA standards, use of a waterproof connector compliant to CSA
regulations.
• Using an inappropriate connector or assembling Switches incorrectly (assembly, tightening torque) can result in
malfunction, leakage current, or fire. Be sure to read the connector instruction manual thoroughly beforehand.
• Even when the connector is assembled and set correctly, ends of the cable inside the Switch may come in contact.
This can lead to malfunction, leakage current, or fire. Thus, be sure to protect the end of the cable from splashes of oil
or water and corrosive gases.
• The following wiring is recommended for preventing the entry of fluids from the conduit opening.
No envelopment of cable jacket in
conduit. Exposed single wires.
Partial/loose envelopment of cable
jacket in conduit
Full envelopment of cable jacket in
conduit.
❌Incorrect
❌Incorrect
Correct
Actuating Terminology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com