Electronic Components Datasheet Search
  English  ▼

X  

MV-3003AL Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MV-3003AL
Description  Miniature Basic Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MV-3003AL Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MV-3003AL Datasheet HTML 3Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 4Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 5Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 6Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 7Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 8Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 9Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 10Page - List of Unclassifed Manufacturers MV-3003AL Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Moujen Electric Co., Ltd. (Taiwan HQ) - Since 1961
109
moujenglobal.com
Precautions for Correct Use
Operating Environment
• This switch is only for indoor use. If it is used in outdoor, it may cause switch failure.
• Take special care if products are to be used at places where there is fine powder, mud and/or foreign materials
accumulating. Check actual using conditions before using. If this is unavoidable, highly recommend integrating
protective equipment. This is considered not Moujen’s obligations.
• Seal material may deteriorate if a Switch is used outdoor or where subject to special cutting oils, solvents, or
chemicals. Always appraise performance under actual application conditions and set suitable maintenance and
replacement periods. This is considered not Moujen’s obligations.
• Install Switches where they will not be directly subject to cutting chips, dust, or dirt. The Actuator and Switch must
also be protected from the accumulation of cutting chips or sludge.
Correct
❌Incorrect
• Constantly subjecting a Switch to vibration or shock can result in wear, which can lead to contact interference with
contacts, operation failure, reduced durability, and other problems. Excessive vibration or shock can lead to false
contact operation or damage. Install Switches in locations not subject to shock and vibration and in orientations that
will not produce resonance.
• The Switches have physical contacts. Using them in environments containing silicon gas will result in the formation
of silicon oxide (SiO2) due to arc energy. If silicon oxide accumulates on the contacts, contact interference can occur.
If silicon oil, silicon filling agents, silicon cables, or other silicon products are present near the Switch, suppress arcing
with contact protective circuits (surge suppressor) or remove the source of silicon gas.
• If the Switch will be left in a location outside the storage environment conditions, if condensation has formed, or after
long term storage exceeding one year, at the minimum, check the operating characteristics, contact resistance,
insulation resistance, and dielectric strength. And conduct a check under the operating conditions.
Handling & Usage
• Do not remove or replace any built-in switches. Doing so may damage the product, resulting in increased risk of
malfunctioning.
• Do not use excessive force to insert, remove or twist keys of key-selector products. Doing so may damage the
product, resulting in increased risk of malfunctioning.
• Do not actuate products and hold its position for excessive amounts of time. Doing so will reduce the life of the
internal spring as well as structural integrity; thus, increase risk of malfunctioning.
• Do not bend or twist cables with excessive force. When bending is required, provide a bending radius of 45 mm min.
so as not to damage the cable insulation or sheath. Excessive bending may cause fire or leakage current.
• To change the installation position of the actuator: By loosening the Allen-head bolt on the actuator lever, the position
of the actuator can be set anywhere within 360°.
• To change the orientation of the head: By removing the head screws (two or four screws), mounting in any of four
orientations is possible. Be sure to change the plunger for internal operations at the same time. The roller plunger can
be set in either of two positions at 90°.
• Flipping the roller to a different side: Loosen the Allen-head bolt, allows flipping the roller to the opposite side.
• Adjusting the length of the rod or lever: The length of the rod or lever can be adjusted by loosening the Allen-head
bolt.
• Adjusting the rolling arm lever: (i) The roller arm can be set freely within a range of 225° after loosening the nut. (ii)
The roller arm mounting bracket can be set in any direction after loosening the nut.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com