Electronic Components Datasheet Search
  English  ▼

X  

73K221AL Datasheet(PDF) 21 Page - TDK Electronics

Part # 73K221AL
Description  V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K221AL Datasheet(HTML) 21 Page - TDK Electronics

Back Button 73K221AL Datasheet HTML 17Page - TDK Electronics 73K221AL Datasheet HTML 18Page - TDK Electronics 73K221AL Datasheet HTML 19Page - TDK Electronics 73K221AL Datasheet HTML 20Page - TDK Electronics 73K221AL Datasheet HTML 21Page - TDK Electronics 73K221AL Datasheet HTML 22Page - TDK Electronics 73K221AL Datasheet HTML 23Page - TDK Electronics 73K221AL Datasheet HTML 24Page - TDK Electronics 73K221AL Datasheet HTML 25Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
73K222BL
V.22, V.21, Bell 212A, Bell 103
Single-Chip Modem with Integrated Hybrid
21
APPLICATIONS INFORMATION
GENERAL CONSIDERATIONS
Figure 5 shows the basic circuit diagram for a
73K222BL modem integrated circuit designed to be
used in conjunction with a control processor, a
UART or RS-232 serial data interface, and a DAA
phone line interface to function as a typical
intelligent modem. The K-Series ICs interface
directly with Intel 8048 and 80C51 microprocessors
for control and status monitoring purposes.
A typical DAA arrangement is shown in Figure 5.This
diagram is for reference only and does not represent
a production-ready modem design.
In most applications the controller will monitor the
serial data for commands from the DTE and the
received data for break signals from the far end
modem. In this way, commands to the modem are
sent over the same line as the transmitted data. In
other applications the RS-232 interface handshake
lines are used for modem control.
(continued)
FIGURE 5: Typical 73K222BL DAA Circuit
RXA
VREF
RESET
N/C
ISET
OH
RXCLK
RXD
TXCLK
EXCLK
CS
TXD
NC
INT
TXA1
TXA2
GND
CLK
XTL1
XTL2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
ALE
WR
RD
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ADR/DATA BUS
µC ALE
µC
WR
11.0592 MHz
32
31
30
26
25
23
24
22
29
28
27
21
20
19
18
17
0.1 µF
10 µF
+
+5
RXCLK
TXCLK
EXCLK
0.033 µF
TYP.
600Ω
1:1
TRANSIENT
SUPPRESSOR
FUSE
+5
600
0.1 µF
0.1 µF
8.2K
HOOK
RELAY
1
2
3
4
RJ-11
2 MΩ
1 µF
+5
RING DETECT
TX DATA
RX DATA
CONTROL
INTERFACE
CHIP SELECT
µC
RD
RING
DETECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com