Electronic Components Datasheet Search
  English  ▼

X  

73K221AL Datasheet(PDF) 16 Page - TDK Electronics

Part # 73K221AL
Description  V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K221AL Datasheet(HTML) 16 Page - TDK Electronics

Back Button 73K221AL Datasheet HTML 12Page - TDK Electronics 73K221AL Datasheet HTML 13Page - TDK Electronics 73K221AL Datasheet HTML 14Page - TDK Electronics 73K221AL Datasheet HTML 15Page - TDK Electronics 73K221AL Datasheet HTML 16Page - TDK Electronics 73K221AL Datasheet HTML 17Page - TDK Electronics 73K221AL Datasheet HTML 18Page - TDK Electronics 73K221AL Datasheet HTML 19Page - TDK Electronics 73K221AL Datasheet HTML 20Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
73K222BL
V.22, V.21, Bell 212A, Bell 103
Single-Chip Modem with Integrated Hybrid
16
DC ELECTRICAL CHARACTERISTICS
(TA = -40
° C to 85° C, VDD = recommended range unless otherwise noted.)
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
IDD, SUPPLY CURRENT
ISET Resistor = 2 M
Ω
IDDA, Active
CLK = 11.0592 MHz
8
12
mA
IDD1, Power-down
CLK = 11.0592 MHz
4
mA
IDD2, Power-down
CLK = 19.200 kHz
3
mA
DIGITAL INPUTS
VIH, Input High Voltage
Reset, XTL1, XTL2
3.0
VDD
V
All other inputs
2.0
VDD
V
VIL, Input Low Voltage
0
0.8
V
IIH, Input High Current
VI = VIH Max
100
µA
IIL, Input Low Current
VI = VIL Min
-200
µA
Reset Pull-down Current
Reset = VDD
1
50
µA
Input Capacitance
All Digital Input Pins
10
pF
DIGITAL OUTPUTS
VOH, Output High Voltage
IOH MIN = -0.4 mA
2.4
VDD
V
VOL, Output Low Voltage
IO MAX = 1.6 mA
0.4
V
VOL, CLK Output
IO = 3.6 mA
0.6
V
RXD Tri-State Pull-up Current
RXD = GND
-1
-50
µA
CMAX, CLK Output
Maximum Capacitive Load
15
pF
OH Output VOL
IOUT = 40 mA
1.0
V
OH Output VOL
IOUT = 10 mA
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com