Electronic Components Datasheet Search
  English  ▼

X  

73K221AL Datasheet(PDF) 6 Page - TDK Electronics

Part # 73K221AL
Description  V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K221AL Datasheet(HTML) 6 Page - TDK Electronics

Back Button 73K221AL Datasheet HTML 2Page - TDK Electronics 73K221AL Datasheet HTML 3Page - TDK Electronics 73K221AL Datasheet HTML 4Page - TDK Electronics 73K221AL Datasheet HTML 5Page - TDK Electronics 73K221AL Datasheet HTML 6Page - TDK Electronics 73K221AL Datasheet HTML 7Page - TDK Electronics 73K221AL Datasheet HTML 8Page - TDK Electronics 73K221AL Datasheet HTML 9Page - TDK Electronics 73K221AL Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
73K222BL
V.22, V.21, Bell 212A, Bell 103
Single-Chip Modem with Integrated Hybrid
6
PARALLEL CONTROL INTERFACE (continued)
NAME
PIN
TYPE
DESCRIPTION
WR
14
I
Write. A low on this pin informs the 73K222BL that data is available on
AD0-AD7 for writing into an internal register. Data is latched on the rising
edge of
WR. No data is written unless both WR and the latched CS are
low.
SERIAL CONTROL INTERFACE
NAME
PIN
TYPE
DESCRIPTION
AD0-AD2
5-7
I
Register Address Selection. These lines carry register addresses and
should be valid during any read or write operation.
DATA (AD7)
12
I/O
Serial Control Data. Data for a read/write operation is clocked in or out on
the falling edge of the EXCLK pin. The direction of data flow is controlled
by the
RD pin. RD low outputs data. RD high inputs data.
RD
15
I
Read. A low on this input informs the 73K222BL that data or status
information is being read by the processor. The falling edge of the
RD
signal will initiate a read from the addressed register. The
RD signal must
continue fort eight falling edges of EXCLK in order to read all eight bits of
the referenced register. Read data is provided LSB first. Data will not be
output unless the
RD signal is active.
WR
14
I
Write. A low on this input informs the 73K222BL that data or status
information has been shifted in through the DATA pin and is available for
writing to an internal register. The normal procedure for a write is to shift
in data LSB first on the DATA pin for eight consecutive falling edges of
EXCLK and then to pulse
WR low. Data is written on the rising edge of
WR.
NOTE: The serial control mode is provided by tying ALE high and
CS low. In this configuration AD7 becomes
DATA and AD0, AD1 and AD2 become the address only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com