Electronic Components Datasheet Search
  English  ▼

X  

73K221AL Datasheet(PDF) 1 Page - TDK Electronics

Part # 73K221AL
Description  V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K221AL Datasheet(HTML) 1 Page - TDK Electronics

  73K221AL Datasheet HTML 1Page - TDK Electronics 73K221AL Datasheet HTML 2Page - TDK Electronics 73K221AL Datasheet HTML 3Page - TDK Electronics 73K221AL Datasheet HTML 4Page - TDK Electronics 73K221AL Datasheet HTML 5Page - TDK Electronics 73K221AL Datasheet HTML 6Page - TDK Electronics 73K221AL Datasheet HTML 7Page - TDK Electronics 73K221AL Datasheet HTML 8Page - TDK Electronics 73K221AL Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
73K222BL
V.22, V.21, Bell 212A, Bell 103 Single-Chip
Modem with Integrated Hybrid
April 2000
DESCRIPTION
The 73K222BL is a highly integrated single-chip
modem IC which provides the functions needed to
construct a CCITT V.22, V.21, Bell 212A and Bell
103, compatible modem, capable of 1200 bit/s full-
duplex operation over dial-up lines. The 73K222BL
is an enhancement of the 73K222AL single-chip
modem which adds the hybrid hook switch control,
and driver to the 73K222AL. In Bell 212A mode, the
73K222BL provides the normal Bell 212A and Bell
103 functions and employs a 2225 Hz answer tone.
The 73K222BL in V.22 mode produces either 550 or
1800 Hz guard tone, recognizes and generates a
2100 Hz answer tone, and allows 600 bit/s V.22 or
0-300 bit/s V.21 operation. The device integrates
analog,
digital,
and
switched-capacitor
array
functions on a single substrate, offering excellent
performance and a high level of functional
integration in a 32-Lead PLCC and 44-Lead TQFP
package. It operates from a single +5 V supply.
The 73K222BL includes the DPSK and FSK
modulator/demodulator functions, call progress and
handshake tone monitor and a tone generator
capable of tones required for European applications.
This device supports V.22 (except mode v) and V. 21
modes of operation, allowing both synchronous and
asynchronous communication. Test features such as
analog loop, digital loop, and remote digital loopback
are supported. Internal pattern generators are also
included for self-testing.
(continued)
FEATURES
•
Includes features of 73K222AL single-chip
modem
•
One-chip CCITT V.22, V.21, Bell 212A and Bell
103 standard compatible modem data pump
•
Full-duplex operation at 0-300 bit/s (FSK) or
600 and 1200 bit/s (DPSK)
•
On chip 2-wire/4-wire hybrid driver and off-
hook relay buffer driver
•
Serial or parallel microcontroller control
interface
•
Interfaces
directly
with
standard
microcontroller (8048, 80C51 typical)
•
Serial port for data transfer
•
Both synchronous and asynchronous modes
of
operation
including
V.22
extended
overspeed
•
Call progress, carrier, precise answer tone
(2100 or 2225 Hz), and long loop detectors
•
DTMF, and 550 or 1800 Hz guard tone
generators
•
Test modes available: ALB, DL, RDL, Mark,
Space, Alternating bit patterns
•
Precise automatic gain control allows 45 dB
dynamic range
•
CMOS technology for low power consumption
using 60 mW @ 5 V
•
Single +5 V supply
BLOCK DIAGRAM
DIGITAL
PROCESSING
DTMF &
TONE
GENERATORS
FSK
MODULATOR/
DEMODULATOR
PSK
MODULATOR/
DEMODULATOR
SMART
DIALING
&
DETECT
FUNCTIONS
POWER
TESTS:
ALB, DLB
RDLB
PATTERNS
TRANSMIT
FILTER
DATA
BUS
BUFFER
READ
WRITE
CONTROL
LOGIC
STATUS
AND
CONTROL
LOGIC
8-BIT
BUS
FOR
CONTROL
AND
STATUS
SERIAL
PORT
FOR
DATA
TXA1
RXA
CLOCK
GENERATOR
RD
WR
ALE
CS
RESET
INT
TXD
RXD
AD0-AD7
RECEIVE
FILTER
2W/4W
HYBRID
TXA2
OH


Similar Part No. - 73K221AL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
Single-Chip Modem
logo
TDK Electronics
73K222AL-IGT TDK-73K222AL-IGT Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL-IH TDK-73K222AL-IH Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL-IH/F TERIDIAN-73K222AL-IH/F Datasheet
277Kb / 27P
Single-Chip Modem
More results

Similar Description - 73K221AL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K224L TDK-73K224L Datasheet
206Kb / 32P
V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
CCITT V.23, V.22, V.21 Single-Chip Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
BELL 212A/CCITT V.22 Modem Filter
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
V.23 / Bell 202 Modem
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
V.22 and Bell 212A Modem
logo
Projects Unlimited, Inc...
AWB-20R6-24 PUI-AWB-20R6-24 Datasheet
56Kb / 1P
BELL
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
BELL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com